Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TQ9501 Datasheet(PDF) 9 Page - TriQuint Semiconductor

Part # TQ9501
Description  531/1063 Mbaud Fibre Channel Transmitter and Receiver
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor

TQ9501 Datasheet(HTML) 9 Page - TriQuint Semiconductor

Back Button TQ9501 Datasheet HTML 5Page - TriQuint Semiconductor TQ9501 Datasheet HTML 6Page - TriQuint Semiconductor TQ9501 Datasheet HTML 7Page - TriQuint Semiconductor TQ9501 Datasheet HTML 8Page - TriQuint Semiconductor TQ9501 Datasheet HTML 9Page - TriQuint Semiconductor TQ9501 Datasheet HTML 10Page - TriQuint Semiconductor TQ9501 Datasheet HTML 11Page - TriQuint Semiconductor TQ9501 Datasheet HTML 12Page - TriQuint Semiconductor TQ9501 Datasheet HTML 13Page - TriQuint Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
TQ9501/TQ9502
9
For additional information and latest specifications, see our website: www.triquint.com
Notes: 1. Typical limits are: VDD = 5.0 V and TA = 25 °C.
2. The TTL inputs could be HIGH or LOW.
3. The IOL and IOH specifications are valid only for the BYTECLK.
4. These are absolute values with respect to device ground.
5. No more than one output should be tested at a time. Duration of the short circuit should not exceed one second.
Table 7. DC Characteristics—TQ9501 Transmitter TTL Signals
(TXDO..9, TXCLK, BYTECLK, LOOPEN, SIGDET, REFCLK, RATESEL)
(Over operating range unless otherwise specified)
Limits 1
Symbol
Description
Test Conditions
Min.
Typ.
Max.
Unit
VOH
Output HIGH voltage
VDD = Min
IOH = –1.6 mA
2.4
3.2
V
VIN2 = VIH or VIL
IOH = –3.2 mA3
VOL
Output LOW voltage
VDD = Min
IOL = 4 mA
0.2
0.5
V
VIN2 = VIH or VIL
IOL = 8 mA3
ISC4
Output short-circuit current
VDD = Max
VOUT = 0.5 V
–15
–120
mA
IIL
Input LOW current
VDD = Max
VIN = 0.4 V
– 400
µA
IIH
Input HIGH current
VDD = Max
VIN = 2.7 V
25
µA
II
Input HIGH current
VDD = Max
VIN = 5.5 V
1
mA
VIH5
Input HIGH level
Guaranteed input logical HIGH
2.0
V
voltage for all inputs, VDD = Max
VIL5
Input LOW level
Guaranteed input logical LOW
0.8
V
voltage for all inputs
VI
Input clamp voltage
VDD = Min
IIN = –18 mA
–1.2
V
IDD
Power supply current
VDD = Max, static
175
220
mA
Table 8. DC Characteristics—TQ9501 Transmitter PECL Signals (TX, TY, TLX, TLY, SIG, SIGN)
Limits 1
Symbol
Description
Test Conditions
Min.
Typ.
Max.
Unit
VOH
Output HIGH voltage
VDD = Min PECL load
VDD – 1.200
VDD – 0.50
V
VOL
Output LOW voltage
VDD = Min PECL load
VDD – 2.00
VDD – 1.60
V
VCMO
Output common mode voltage
VDD – 1.60
VDD –1.10
V
DVOUT
Output differential voltage
0.60
1.2
V
IIL
Input LOW current
VDD = Max
VIN =2.4 V
200
µA
IIH
Input HIGH current
VDD = Max
VIN = VDD – 0.5 V
250
µA
VIHS
Highest input HIGH voltage
VDD = Min
VDD – 0.5
V
VILS
Lowest input LOW voltage
VDD = Max
2.4
V
VDIF
Differential input voltage
VDD = Min
0.4
1.2
V
VICM
Input common mode voltage
VDD = Min
2.8
VDD – 0.7
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com