Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AL16082N2DL Datasheet(PDF) 3 Page - ABC Taiwan Electronics Corp

Part # AL16082N2DL
Description  THIN FILM CHIP INDUCTOR
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABC [ABC Taiwan Electronics Corp]
Direct Link  http://www.atec-group.com
Logo ABC - ABC Taiwan Electronics Corp

AL16082N2DL Datasheet(HTML) 3 Page - ABC Taiwan Electronics Corp

  AL16082N2DL Datasheet HTML 1Page - ABC Taiwan Electronics Corp AL16082N2DL Datasheet HTML 2Page - ABC Taiwan Electronics Corp AL16082N2DL Datasheet HTML 3Page - ABC Taiwan Electronics Corp AL16082N2DL Datasheet HTML 4Page - ABC Taiwan Electronics Corp AL16082N2DL Datasheet HTML 5Page - ABC Taiwan Electronics Corp  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
400 m/m min.
200 m/m min.
Components
AR-001A
( 3 ) Q'TY & G.W. Per pcakage
5,000
Q'TY (pcs)
Series
AL1608
07 - 08
Style
( 2 ) Dimensions
G.W. (gw)
90
Inner : Reel
07 - 08
Style
250,000
Q'TY (pcs)
User direction of feed
21±0.8
A
178
BC
13
D
8
41 x 39 x 22
Size (cm)
G.W. (Kg)
7.0
Outer : Carton
G
10+0
N
-0
50
Unit:m/m
12.5
T
ABC'S DWG NO.
ABC'S ITEM NO.
SPECIFICATION FOR APPROVAL
Carrier tape width : D
※
no component
Leader
End
P:4 m/m
4 m/m
C
∮
G
( 1 ) Configuration
Ⅵ﹒PACKAGING INFORMATION:
THIN FILM CHIP INDUCTOR
PROD.
NAME
REF : 20080424-A
2.0±0.5
T
no component
Trailer
Start
Emobossed Carrier
D
PAGE: 3
Cover Tape
AL1608□□□□L□-□□□



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com