Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MHST05018Z Datasheet(PDF) 6 Page - Lineage Power Corporation

Part # MHST05018Z
Description  Longitudinal and Transverse Heat Sinks
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINEAGEPOWER [Lineage Power Corporation]
Direct Link  http://www.lineagepower.com
Logo LINEAGEPOWER - Lineage Power Corporation

MHST05018Z Datasheet(HTML) 6 Page - Lineage Power Corporation

  MHST05018Z Datasheet HTML 1Page - Lineage Power Corporation MHST05018Z Datasheet HTML 2Page - Lineage Power Corporation MHST05018Z Datasheet HTML 3Page - Lineage Power Corporation MHST05018Z Datasheet HTML 4Page - Lineage Power Corporation MHST05018Z Datasheet HTML 5Page - Lineage Power Corporation MHST05018Z Datasheet HTML 6Page - Lineage Power Corporation MHST05018Z Datasheet HTML 7Page - Lineage Power Corporation MHST05018Z Datasheet HTML 8Page - Lineage Power Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
Product Option Sheet
March 28, 2008
Eighth Brick Power Module Heat Sinks:
¼”, ½”, 1” Longitudinal and Transverse Heat Sinks
LINEAGE POWER
6
Mechanical Outline 1” Transverse
Dimensions are in inches
Tolerances: x.xx in.
± 0.01 in. [unless otherwise indicated]
x.xxx in
± 0.005 in.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com