Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B66305 Datasheet(PDF) 2 Page - EPCOS

Part # B66305
Description  Ferrites and accessories
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B66305 Datasheet(HTML) 2 Page - EPCOS

  B66305 Datasheet HTML 1Page - EPCOS B66305 Datasheet HTML 2Page - EPCOS B66305 Datasheet HTML 3Page - EPCOS B66305 Datasheet HTML 4Page - EPCOS B66305 Datasheet HTML 5Page - EPCOS B66305 Datasheet HTML 6Page - EPCOS B66305 Datasheet HTML 7Page - EPCOS B66305 Datasheet HTML 8Page - EPCOS B66305 Datasheet HTML 9Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
2
09/06
Please read Cautions and warnings and
Important notes at the end of this document.
■ To IEC 61246
■ For miniature transformers
■ Available with SMD coil former
■ E cores with high permeability for common-mode
chokes and broadband applications
■ Delivery mode: single units
Magnetic characteristics (per set)
Σl/A = 2.39 mm–1
le
= 29.6 mm
Ae
= 12.4 mm2
Amin = 12.2 mm2
Ve
= 367 mm3
Approx. weight 2 g/set
Ungapped
Gapped
The AL value in the table applies to a core set comprising one ungapped core (dimension g = 0) and
one gapped core (dimension g > 0).
Material
AL value
nH
μ
e
PV
W/set
Ordering code
N30
1000 +30/–20%
1900
B66305G0000X130
T46
3600
±30%
6839
B66305F0000X146
N27
800 +30/–20%
1510
< 0.40 (200 mT, 100 kHz, 100 °C)
B66305G0000X127
N87
850 +30/–20%
1620
< 0.20 (200 mT, 100 kHz, 100 °C)
B66305G0000X187
Material
g
mm
AL value approx.
nH
μ
e
Ordering code
N27
0.04
±0.01
250
454
B66305G0040X127
FEK0089-9
0.3
3.7 _
0.3
3.7 _
8.9+0.6
+0.5
0.4
12.6 _
B66305
Core
E 13/7/4 (EF 12.6)



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com