Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HP04022R2ML Datasheet(PDF) 2 Page - ABC Taiwan Electronics Corp

Part # HP04022R2ML
Description  SHIELDED SMD POWER INDUCTOR
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABC [ABC Taiwan Electronics Corp]
Direct Link  http://www.atec-group.com
Logo ABC - ABC Taiwan Electronics Corp

HP04022R2ML Datasheet(HTML) 2 Page - ABC Taiwan Electronics Corp

  HP04022R2ML Datasheet HTML 1Page - ABC Taiwan Electronics Corp HP04022R2ML Datasheet HTML 2Page - ABC Taiwan Electronics Corp HP04022R2ML Datasheet HTML 3Page - ABC Taiwan Electronics Corp HP04022R2ML Datasheet HTML 4Page - ABC Taiwan Electronics Corp HP04022R2ML Datasheet HTML 5Page - ABC Taiwan Electronics Corp HP04022R2ML Datasheet HTML 6Page - ABC Taiwan Electronics Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
SPECIFICATION FOR APPROVAL
AR-001A
Ⅴ﹒ELECTRICAL CHARACTERISTICS:
REF : 20090602-A
PAGE: 2
ABC'S DWG No.
ABC'S ITEM No.
PROD.
NAME
POWER INDUCTOR
SHIELDED SMD
0.10 ± 20 %
Inductance
DWG No.
L ( μH )
12.0
typ.
RDC
( mΩ )
4.5
max.
Isat(A)
4). Isat base on inductance drop 20% typ. of L value at 20℃
3). Measured frequency of inductance is 100 KHz / 0.25V
5). Irms base on temp. rise 40
typ.
℃
HP0402R10ML□-□□□
typ.
Irms(A)
typ.
1). □:Packaging information … A:Bulk B:Taping Reel
2). "-
":Reference code
□
□ □
0.22 ± 20 %
9.0
8.5
0.47 ± 20 %
7.0
16.0
1.00 ± 20 %
5.0
27.0
2.20 ± 20 %
3.5
68.0
4.2
8.0
14.5
24.0
61.0
HP0402R22ML□-□□□
HP0402R47ML□-□□□
HP04021R0ML□-□□□
HP04022R2ML□-□□□
4.70 ± 20 %
2.0
105.0
95.0
HP04024R7ML□-□□□
12.0
9.0
7.0
4.5
3.5
2.0
HP0402□□□□L□-□□□



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com