Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MB4516 Datasheet(PDF) 1 Page - ABC Taiwan Electronics Corp

Part # MB4516
Description  HIGH CURRENT MULTILAYER CHIP BEAD
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABC [ABC Taiwan Electronics Corp]
Direct Link  http://www.atec-group.com
Logo ABC - ABC Taiwan Electronics Corp

MB4516 Datasheet(HTML) 1 Page - ABC Taiwan Electronics Corp

  MB4516 Datasheet HTML 1Page - ABC Taiwan Electronics Corp MB4516 Datasheet HTML 2Page - ABC Taiwan Electronics Corp MB4516 Datasheet HTML 3Page - ABC Taiwan Electronics Corp MB4516 Datasheet HTML 4Page - ABC Taiwan Electronics Corp MB4516 Datasheet HTML 5Page - ABC Taiwan Electronics Corp MB4516 Datasheet HTML 6Page - ABC Taiwan Electronics Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
REF :
PAGE: 1
SPECIFICATION FOR APPROVAL
PROD.
NAME
ABC'S DWG NO.
ABC'S ITEM NO.
Ⅰ﹒CONFIGURATION & DIMENSIONS:
Ⅱ﹒SCHEMATIC DIAGRAM:
Ⅲ﹒MATERIALS:
Ⅳ﹒GENERAL SPECIFICATION:
a﹒Body:Ferrite
b﹒Internal conductor:Silver or Ag / Pd
c﹒Terminal strength:
a﹒Storage temp.:-40℃ ---- +105℃
b﹒Operating temp.:-55℃ ---- +125℃
Series
A
B
C
DH
GI
Unit : m/m
D
D
B
( PCB Pattern )
I
G
I
F
Type
F ( kgf )
Time ( sec )
MB4532
30±5
0.6±0.4
MB4532
3.2±0.2
4.5±0.2
1.5±0.2
3.0
3.0
1.5
MB4516
MB3261
4.5±0.2
3.2±0.2
1.6±0.2
1.6±0.2
1.6±0.2
1.1±0.2
3.0
2.2
1.4
1.4
1.5
1.1
0.6±0.4
0.6±0.4
MB4516
MB3261
a
c
b
MB2029
MB1608
0.9±0.2
0.8±0.2
2.0±0.2
1.6±0.2
1.2±0.2
0.8±0.2
0.5±0.3
0.3±0.2
1.0
1.0
0.7
0.7
1.0
0.7
MB1608
MB2029
1.5
1.0
1.0
0.5
0.6
A
AR-001A
0
100
50
150
150
Time ( seconds )
50
100
200
250
70sec max.
200
250
260℃
50sec max.
230℃
P eak Temperature:
Peak Temp:260℃ max.
Max time above 2 30℃ :50sec max.
Max time above 2 00℃ :70sec max.
Rising Area
+4.0
/ sec max.
Temperature
150 ~ 200
/ 60 ~ 120 sec
Preheat Area
-(1.0 ~ 5.0)
/ sec max.
Forced Cooling Area
+2.0 ~ 4.0℃
/ sec max.
Reflow Area
c﹒Terminal:Ag/Ni/Sn
d﹒Solderability:
Solder temp. : 260±5℃
Solder : Sn96.5 / Ag3 / Cu0.5
Dip time : 4±1 seconds
Flux : Rosin
or equivalent
MB□□□□□□□□L□-□□□
d﹒Remark:Products comply with RoHS'
requirements
HIGH CURRENT MULTILAYER
CHIP BEAD
20090527-A


Similar Part No. - MB4516

ManufacturerPart #DatasheetDescription
logo
Productwell Precision E...
MB451616B310 PRODUCTWELL-MB451616B310 Datasheet
229Kb / 11P
MULTILAYER CHIP BEADS
MB451616Z520 PRODUCTWELL-MB451616Z520 Datasheet
229Kb / 11P
MULTILAYER CHIP BEADS
More results

Similar Description - MB4516

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MLB160808 ETC2-MLB160808 Datasheet
4Mb / 11P
MULTILAYER TYPE HIGH CURRENT FERRITE CHIP BEAD
logo
ABC Taiwan Electronics ...
MD1608400YL ABC-MD1608400YL Datasheet
361Kb / 7P
MULTILAYER CHIP BEAD
MU1005300YL ABC-MU1005300YL Datasheet
117Kb / 6P
MULTILAYER CHIP BEAD
logo
Bourns Electronic Solut...
CI160808_MDS BOURNS-CI160808_MDS Datasheet
301Kb / 1P
Multilayer Chip Bead
logo
Abracon Corporation
ACML-0402HC ABRACON-ACML-0402HC Datasheet
1Mb / 3P
Multilayer Ferrite Chip Bead (High Current)
11.11.13
ACHB-0402 ABRACON-ACHB-0402 Datasheet
162Kb / 2P
HIGH FREQUENCY MULTILAYER CHIP BEAD
10.05.07
ACHB-0603 ABRACON-ACHB-0603 Datasheet
163Kb / 2P
HIGH FREQUENCY MULTILAYER CHIP BEAD
10.05.07
logo
AiT Semiconductor Inc.
FBP AITSEMI-FBP Datasheet
197Kb / 4P
MULTILAYER CHIP BEAD
logo
List of Unclassifed Man...
ACMS160808A121-2A ETC-ACMS160808A121-2A Datasheet
375Kb / 17P
Multilayer High Current Ferrite Chip Bead (for Power Line)
logo
Abracon Corporation
ACML-0805H ABRACON-ACML-0805H Datasheet
1Mb / 3P
Multilayer Ferrite Chip Bead (High Current)
Revised: 07.30.14
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com