Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MH2012R33JL Datasheet(PDF) 2 Page - ABC Taiwan Electronics Corp

Part # MH2012R33JL
Description  MULTILAYER CHIP INDUCTOR
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABC [ABC Taiwan Electronics Corp]
Direct Link  http://www.atec-group.com
Logo ABC - ABC Taiwan Electronics Corp

MH2012R33JL Datasheet(HTML) 2 Page - ABC Taiwan Electronics Corp

  MH2012R33JL Datasheet HTML 1Page - ABC Taiwan Electronics Corp MH2012R33JL Datasheet HTML 2Page - ABC Taiwan Electronics Corp MH2012R33JL Datasheet HTML 3Page - ABC Taiwan Electronics Corp MH2012R33JL Datasheet HTML 4Page - ABC Taiwan Electronics Corp MH2012R33JL Datasheet HTML 5Page - ABC Taiwan Electronics Corp MH2012R33JL Datasheet HTML 6Page - ABC Taiwan Electronics Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Inductance
DWG No.
10
Q
nom
( MHz )
SRF
300
( mA )
IDC
max
max
0.10
RDC
( Ω )
Ⅵ﹒ELECTRICAL CHARACTERISTICS :
( nH )
min
10
12
12
12
12
12
15
15
15
15
15
15
15
15
15
18
18
18
18
18
18
13
13
13
12
12
12
50
5600
5500
4700
3200
3900
3100
2400
2100
2800
1800
2000
1200
1000
1400
1700
900
900
430
500
600
700
320
340
400
0.10
0.12
0.13
0.15
0.20
0.23
0.25
0.28
0.30
0.35
0.40
0.45
0.50
0.55
0.60
0.65
0.70
0.75
0.85
0.95
1.00
1.10
1.20
1.30
1.50
300
300
300
300
300
300
300
300
300
300
300
300
300
300
300
300
300
300
300
300
300
300
SPECIFICATION FOR APPROVAL
ABC'S ITEM NO.
ABC'S DWG NO.
REF :
PAGE: 2
1.5 ± 0.3
10
300
0.10
MH20121N2DL□-□□□
1.2 ± 0.3
10
100
>6000
300
0.10
MH2012□□□□L□-□□□
PROD.
NAME
Test Freq.
(MHz)
L/Q
1.8 ± 0.3
2.2 ± 0.3
2.7 ± 0.3
MH20121N5DL□-□□□
MH20121N8DL□-□□□
MH20122N2DL□-□□□
MH20122N7DL□-□□□
3.3 ± 0.3
4.7 ± 0.3
5.6 ± 0.3
6.8 ± 5%
3.9 ± 0.3
MH20126N8JL□-□□□
MH20125N6DL□-□□□
MH20124N7DL□-□□□
MH20123N9DL□-□□□
MH20123N3DL□-□□□
MH201247NJL□-□□□
MH201239NJL□-□□□
MH201233NJL□-□□□
MH201227NJL□-□□□
MH201222NJL□-□□□
MH201218NJL□-□□□
MH201215NJL□-□□□
MH201212NJL□-□□□
MH201210NJL□-□□□
MH20128N2JL□-□□□
MH201256NJL□-□□□
MH201268NJL□-□□□
MH201282NJL□-□□□
MH2012R10JL□-□□□
MH2012R12JL□-□□□
MH2012R15JL□-□□□
MH2012R18JL□-□□□
MH2012R22JL□-□□□
MH2012R27JL□-□□□
MH2012R33JL□-□□□
8.2 ± 5%
47.0 ± 5%
33.0 ± 5%
39.0 ± 5%
27.0 ± 5%
22.0 ± 5%
12.0 ± 5%
18.0 ± 5%
15.0 ± 5%
10.0 ± 5%
180.0 ± 5%
270.0 ± 5%
330.0 ± 5%
220.0 ± 5%
82.0 ± 5%
120.0 ± 5%
150.0 ± 5%
100.0 ± 5%
56.0 ± 5%
68.0 ± 5%
100
50
50
50
50
50
100
100
100
100
100
100
100
100
100
100
100
100
100
100
100
100
100
100
100
100
100
100
300
300
300
300
300
0.80
0.90
>6000
>6000
>6000
>6000
>6000
1). □:Packaging Information… A:Bulk B:Taping Reel
2)."-
":Reference code
□ □
□
MULTILAYER CHIP INDUCTOR
AR-001A



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com