Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RH09123R3ML Datasheet(PDF) 2 Page - ABC Taiwan Electronics Corp

Part # RH09123R3ML
Description  RADIAL INDUCTOR
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABC [ABC Taiwan Electronics Corp]
Direct Link  http://www.atec-group.com
Logo ABC - ABC Taiwan Electronics Corp

RH09123R3ML Datasheet(HTML) 2 Page - ABC Taiwan Electronics Corp

  RH09123R3ML Datasheet HTML 1Page - ABC Taiwan Electronics Corp RH09123R3ML Datasheet HTML 2Page - ABC Taiwan Electronics Corp RH09123R3ML Datasheet HTML 3Page - ABC Taiwan Electronics Corp RH09123R3ML Datasheet HTML 4Page - ABC Taiwan Electronics Corp RH09123R3ML Datasheet HTML 5Page - ABC Taiwan Electronics Corp RH09123R3ML Datasheet HTML 6Page - ABC Taiwan Electronics Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
1). □:Package information … A:Bulk
B:Taping / Reel
AR-001A
□
2). "-
":Reference code
□
□
RADIAL INDUCTOR
SPECIFICATION FOR APPROVAL
Ⅴ﹒
ELECTRICAL CHARACTERISTICS:
Inductance
1.5 ±20%
3.3 ±20%
2.2 ±20%
4.7 ±20%
6.8 ±20%
10.0 ±10%
100.0 ±10%
150.0 ±10%
33.0 ±10%
68.0 ±10%
47.0 ±10%
22.0 ±10%
15.0 ±10%
( µH )
470.0 ±10%
680.0 ±10%
1000.0 ±10%
330.0 ±10%
220.0 ±10%
RH09126R8ML□-□□□
RH0912101KL□-□□□
RH0912102KL□-□□□
RH0912681KL□-□□□
RH0912471KL□-□□□
RH0912331KL□-□□□
RH0912221KL□-□□□
RH0912151KL□-□□□
RH0912680KL□-□□□
RH0912470KL□-□□□
RH0912330KL□-□□□
RH0912220KL□-□□□
RH0912150KL□-□□□
RH0912100KL□-□□□
RH09124R7ML□-□□□
RH09123R3ML□-□□□
RH09122R2ML□-□□□
RH09121R5ML□-□□□
DWG No.
NAME
PROD.
REF :
2.50
33.0
0.028
1K
30
7.960M
1K
55
0.796M
25
55
25
30
25
40
1K
0.796M
0.252M
0.796M
1K
1K
0.796M
0.796M
0.796M
1K
1K
1K
35
40
45
50
50
60
2.520M
2.520M
2.520M
1K
1K
1K
2.520M
2.520M
2.520M
1K
1K
1K
0.66
7.2
0.330
2.9
1.700
1.9
2.3
4.300
2.300
4.5
3.6
5.7
0.720
1.100
0.560
0.30
0.20
0.25
0.44
0.36
0.53
9.0
11.0
13.0
0.280
0.140
0.170
21.0
17.0
27.0
0.056
0.086
0.043
0.79
0.96
1.10
1.70
1.40
2.10
Test Freq. ( Hz )
30
30
30
30
ref.
Q
7.960M
7.960M
7.960M
1K
1K
1K
7.960M
1K
LQ
ABC'S DWG NO.
ABC'S ITEM NO.
50.0
41.0
63.0
0.018
0.022
0.010
( MHz)
78.0
typ.
SRF
( Ω )
0.008
max.
RDC
3.60
3.10
4.50
( A )
IDC
max.
5.40
RH0912□□□□L□-□□□
PAGE: 2



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com