Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B82500 Datasheet(PDF) 2 Page - EPCOS

Part # B82500
Description  Inductors
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B82500 Datasheet(HTML) 2 Page - EPCOS

  B82500 Datasheet HTML 1Page - EPCOS B82500 Datasheet HTML 2Page - EPCOS B82500 Datasheet HTML 3Page - EPCOS B82500 Datasheet HTML 4Page - EPCOS B82500 Datasheet HTML 5Page - EPCOS B82500 Datasheet HTML 6Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2
03/08
Please read Cautions and warnings and
Important notes at the end of this document.
Rated voltage 250 V AC/DC
Rated current 0.2 A to 2 A
Rated inductance 120
µH to 3900 µH
Construction
■ Ferrite cylinder core
■ Winding: low-capacitance, multilayer,
enamel copper wire
■ Polyester insulating sleeve
Features
■ High resonance frequency
■ High inductance values
■ Design complies with EN 60938
■ Suitable for wave soldering
■ RoHS-compatible
Applications
■ RF blocking and filtering
■ Interference suppression in small appliances
Terminals
■ Central axial leads
■ Base material Cu
■ Hot-dip tinned with pure tin
Marking
LR and IR in clear text
Delivery mode
Bulk
Dimensional drawing
Dimensions in mm
IND0157-5
10 max.
86±1
25 1
_
32 _4
B82500
VHF chokes



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com