Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SF2012121YL Datasheet(PDF) 3 Page - ABC Taiwan Electronics Corp

Part # SF2012121YL
Description  SMD LINE FILTER
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABC [ABC Taiwan Electronics Corp]
Direct Link  http://www.atec-group.com
Logo ABC - ABC Taiwan Electronics Corp

SF2012121YL Datasheet(HTML) 3 Page - ABC Taiwan Electronics Corp

  SF2012121YL Datasheet HTML 1Page - ABC Taiwan Electronics Corp SF2012121YL Datasheet HTML 2Page - ABC Taiwan Electronics Corp SF2012121YL Datasheet HTML 3Page - ABC Taiwan Electronics Corp SF2012121YL Datasheet HTML 4Page - ABC Taiwan Electronics Corp SF2012121YL Datasheet HTML 5Page - ABC Taiwan Electronics Corp SF2012121YL Datasheet HTML 6Page - ABC Taiwan Electronics Corp SF2012121YL Datasheet HTML 7Page - ABC Taiwan Electronics Corp  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
AR-001A
ABC'S DWG NO.
ABC'S ITEM NO.
SPECIFICATION FOR APPROVAL
Ⅵ﹒INSERTION LOSS Vs. FREQUENCY & IMPEDANCE Vs. FREQUENCY :
NAME
PROD.
REF : 20090324-B
PAGE: 3
SMD LINE FILTER
SF2012□□□□L□-□□□
Normal Mode
Common Mode
↑
10
100
CH1 ︱Z︱
1000
T & B 3.5 kΩ, 1Ω
START 1 MHz
OSC 150mV
300
0.1
1
10
100
STOP 1.0 GHz
BIAS OFF
1000
1
121
300
121
301
201
501
671
901
201
301
501
671
901
Common Mode
Normal Mode



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com