Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B43004 Datasheet(PDF) 2 Page - EPCOS

Part # B43004
Description  Aluminum electrolytic capacitors
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B43004 Datasheet(HTML) 2 Page - EPCOS

  B43004 Datasheet HTML 1Page - EPCOS B43004 Datasheet HTML 2Page - EPCOS B43004 Datasheet HTML 3Page - EPCOS B43004 Datasheet HTML 4Page - EPCOS B43004 Datasheet HTML 5Page - EPCOS B43004 Datasheet HTML 6Page - EPCOS B43004 Datasheet HTML 7Page - EPCOS B43004 Datasheet HTML 8Page - EPCOS B43004 Datasheet HTML 9Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
Single-ended capacitors
B41004, B43004
Low impedance – 85
°C
2
08/08
Please read Cautions and warnings and
Important notes at the end of this document.
Long-life grade capacitors
Applications
■
For low impedance applications
■
Semi-professional to professional application range
■
For filtering, coupling and pulse circuits
Features
■
Miniaturized dimensions
■
RoHS-compatible
■
Load life of 2000 hours at 85
°C
Construction
■
Radial leads
■
Charge-discharge proof, polar
■
Aluminum case with insulating sleeve
■
Minus pole marking on the insulation sleeve
■
Case with safety vent from diameter 8 mm
Delivery mode
■
Bulk
■
Taped, Ammo pack
■
Cut
■
Kinked
Single-ended capacitors
B41004, B43004
Low impedance – 85
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com