Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B41201 Datasheet(PDF) 9 Page - EPCOS

Part # B41201
Description  Aluminum electrolytic capacitors
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B41201 Datasheet(HTML) 9 Page - EPCOS

Back Button B41201 Datasheet HTML 5Page - EPCOS B41201 Datasheet HTML 6Page - EPCOS B41201 Datasheet HTML 7Page - EPCOS B41201 Datasheet HTML 8Page - EPCOS B41201 Datasheet HTML 9Page - EPCOS B41201 Datasheet HTML 10Page - EPCOS B41201 Datasheet HTML 11Page - EPCOS B41201 Datasheet HTML 12Page - EPCOS B41201 Datasheet HTML 13Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
4-pin snap-in capacitors
B41201, B43201
Standard series – 85
°C
9
04/08
Please read Cautions and warnings and
Important notes at the end of this document.
Technical data and ordering codes B43201
VR
V DC
CR
120 Hz
20
°C
µF
Case
dimensions
d × l
mm
IAC,R
120 Hz
85
°C
A
Ordering code
160
560
35
× 20
2.12
B43201D1567M000
680
35
× 20
2.33
B43201D1687M000
820
35
× 25
2.73
B43201D1827M000
1000
35
× 25
3.01
B43201D1108M000
1200
35
× 30
3.26
B43201C1128M000
1500
35
× 35
3.83
B43201B1158M000
1800
35
× 40
4.39
B43201A1188M000
200
390
35
× 20
1.77
B43201D2397M000
470
35
× 20
1.94
B43201D2477M000
560
35
× 20
2.25
B43201D2567M000
680
35
× 25
2.48
B43201D2687M000
820
35
× 30
2.88
B43201D2827M000
1000
35
× 30
3.18
B43201B2108M000
1200
35
× 35
3.43
B43201B2128M000
1500
35
× 40
4.01
B43201B2158M000
1800
35
× 45
4.58
B43201A2188M000
250
330
35
× 20
1.62
B43201I2337M000
390
35
× 20
1.77
B43201I2397M000
470
35
× 25
2.06
B43201I2477M000
560
35
× 25
2.25
B43201I2567M000
680
35
× 30
2.62
B43201H2687M000
820
35
× 35
3.03
B43201G2827M000
1000
35
× 40
3.50
B43201G2108M000
1200
35
× 45
3.74
B43201F2128M000
1500
35
× 50
4.35
B43201F2158M000
315
180
35
× 20
1.20
B43201D0187M000
220
35
× 20
1.33
B43201D0227M000
270
35
× 25
1.56
B43201D0277M000
330
35
× 30
1.83
B43201D0337M000
390
35
× 30
1.99
B43201C0397M000
470
35
× 35
2.29
B43201B0477M000
560
35
× 40
2.62
B43201A0567M000
680
35
× 45
3.01
B43201A0687M000
820
35
× 50
3.44
B43201A0827M000
AEC-C_B41201_B43201.book Seite 9 Mittwoch, 16. April 2008 2:14 14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com