Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EBPC-3500 Datasheet(PDF) 2 Page - Advantech Co., Ltd.

Part # EBPC-3500
Description  Embedded Industrial Chassis for 3.5" SBCs
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

EBPC-3500 Datasheet(HTML) 2 Page - Advantech Co., Ltd.

  EBPC-3500 Datasheet HTML 1Page - Advantech Co., Ltd. EBPC-3500 Datasheet HTML 2Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
www.advantech.com/products
Online Download
Inside View
Rear View
Bottom View
EBPC-3500
Accessories
Part Number
Description
9896025602E
Display module kit for EBPC-3500-75CE, including 1 x
LVDS, 1 x Inverter and wiring cables.
9896025603E
Display module kit for EBPC-3500-80CE, including 1 x
LVDS, 1 x inverter and wiring cables.
1700060202
1 x PS/2 Keyboard/Mouse Cable
External AC-to-DC Adapter and Power Cord
Part Number
Description
1757000222
AC-to-DC Adapter DC19 V/3.42 A 65 W, with Phoenix Power
Plug, 0 ~ 45° C for Home and Office Use
1700001947
Power cord 2-pin 180 cm, USA type
1700001948
Power cord 2-pin 180 cm, Europe Type
1700001949
Power cord 2-pin 180 cm, UK Type
Ordering Information
Part Number
Power Board
3.5" SBC
Regulation
EBPC-3500-75CE
9898025700E
PCM-9375E
CE
EBPC-3500-80CE
9898025700E
PCM-9380/9381/
9386/9387
CE
* The necessary cables for the built-in I/O board are included in the accessory box.
Installation
Dimensions
Unit: mm (inch)
Unit: mm (inch)
70.0 [2.76]
175.0 [6.89]
257.4 [10.13]
245.0 [9.65]
4
4-Ø8.0
Power switch
Bottom cover for
accessing the 2.5"
HDD
LVDS + Inverter ports for the
optional display module kit



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com