Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EBPC-5250 Datasheet(PDF) 1 Page - Advantech Co., Ltd.

Part # EBPC-5250
Description  Embedded Industrial Chassis for 5.25" SBCs
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

EBPC-5250 Datasheet(HTML) 1 Page - Advantech Co., Ltd.

  EBPC-5250 Datasheet HTML 1Page - Advantech Co., Ltd. EBPC-5250 Datasheet HTML 2Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Industrial Computer Chassis
Features
Rear View
NEW
EBPC-5250
Embedded Industrial Chassis for 5.25" SBCs
Built-in 180 W, ATX, AC-to-DC power supply
Supports maximum expansion of three PC-104 or PC-104-Plus cards
Supports maximum two PCI expansion slots
Two dummy I/O metal plates for quick and convenient customized I/O
extension
Supports drive space for one slim optical disk drive
Anti-vibration design of one 3.5" HDD bay
Compact, robust, simple and modularized service-friendly design
Specifications
Drive Bay
Front-accessible
Internal
Slim Optical Disk Drive
1
-
3.5"
-
1
Cooling
FAN
1 (27.5 CFM)
I/O Interface
Front I/O ports
Built-in: 4 x COM, 1 x Parallel, 1 x GPIO, 1 x VGA, 4 x USB, 2 x LAN, 1 x Mini DIN PS/2 mouse, 1 x Mini DIN
PS/2 keyboard, 1 x Line in, 1 x Line out, 1 x Mic in
Reserved: 1 x DVI, 4 x USB, 4 x COM
Rear I/O Ports
Reserved: 2 x LVDS, 1 x DVI, S-Video x 1, C-Video x 1 for the optional display module kit
Miscellaneous
Notification LEDs
Power & HDD activity
Environment
Operating
Non-Operating
Temperature
0 ~ 45° C (32 ~ 104° F)
-20 ~ 60° C (-4 ~ 140° F)
Humidity
10 ~ 85% @ 40° C, non-condensing
10 ~ 95% @ 40° C, non-condensing
Vibration (5 - 500 Hz)
1 Grms
2 G
Shock
10 G (with 11 ms duration, half sine wave)
30 G
Physical Characteristics
Dimensions (W x H x D)
248 x 118 x 298 mm (9.8" x 4.6" x 11.7")
Weight
2.5 kg (5.5 lb)
Power Supply Options
Part Number
Watt
Input
Output
Mini-load
Safety
MTBF
1757000277 (ATX)
180 W
AC 100 ~ 240 V
DC 3.3 V @ 16.8 A,
DC 5 V @ 12.0 A,
DC 12 V @ 10.0 A,
DC 5 VSB @ 2.0 A,
DC -12 V @ 0.8 A
+3.3 V @ 0.3 A,
+5 V @ 0.3 A,
+12 V @ 1.5 A
UL/TUV/CB/CCC
100,000 hours @
25°C
Front View
Reserved openings
for the optional
display module kit
Slim optical disk
drive (optional)


Similar Part No. - EBPC-5250

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
EBPC-3500 ADVANTECH-EBPC-3500 Datasheet
825Kb / 2P
Embedded Industrial Chassis for 3.5" SBCs
EBPC-3500-75CE ADVANTECH-EBPC-3500-75CE Datasheet
825Kb / 2P
Embedded Industrial Chassis for 3.5" SBCs
EBPC-3500-80CE ADVANTECH-EBPC-3500-80CE Datasheet
825Kb / 2P
Embedded Industrial Chassis for 3.5" SBCs
EBPC-3500L-61SE ADVANTECH-EBPC-3500L-61SE Datasheet
502Kb / 2P
Ultra-compact Intel짰 Atom N270/AMD LX800 Embedded System
24-Mar-2009
EBPC-3500L-61SE ADVANTECH-EBPC-3500L-61SE_10 Datasheet
343Kb / 2P
Ultra-compact Intel짰 Atom??N270 Embedded System
More results

Similar Description - EBPC-5250

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
IDT-5101 ADVANTECH-IDT-5101 Datasheet
109Kb / 1P
Accessories 5.25 Industrial Disk Tray
1-Mar-2007
EBPC-3500 ADVANTECH-EBPC-3500 Datasheet
825Kb / 2P
Embedded Industrial Chassis for 3.5" SBCs
PCM-110 ADVANTECH-PCM-110_12 Datasheet
805Kb / 1P
1-Slot PCI Riser Card for 5.25" Biscuit SBCs
AIMB-C200 ADVANTECH-AIMB-C200 Datasheet
1Mb / 2P
Economical Embedded Chassis for Mini-ITX Motherboard
ARK-6610 ADVANTECH-ARK-6610_12 Datasheet
2Mb / 2P
Compact Embedded Chassis for Mini-ITX Motherboard
ARK-6620 ADVANTECH-ARK-6620 Datasheet
2Mb / 2P
Compact Embedded Chassis for Mini-ITX Motherboard
ACK-A002E ADVANTECH-ACK-A002E Datasheet
1Mb / 2P
Embedded 3.5" SBC Chassis for PCM-9376
AIMB-C200 ADVANTECH-AIMB-C200_15 Datasheet
1,013Kb / 2P
Economical Embedded Chassis for Mini-ITX Motherboard
EPC-X200 ADVANTECH-EPC-X200 Datasheet
1Mb / 2P
Embedded 3.5" SBC Chassis for PCM-9376
logo
DFI Inc
ES520 DFI-ES520 Datasheet
2Mb / 2P
Embedded Chassis for 3.5" SBC
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com