Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B41696 Datasheet(PDF) 3 Page - EPCOS

Part # B41696
Description  Aluminum electrolytic capacitors
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B41696 Datasheet(HTML) 3 Page - EPCOS

  B41696 Datasheet HTML 1Page - EPCOS B41696 Datasheet HTML 2Page - EPCOS B41696 Datasheet HTML 3Page - EPCOS B41696 Datasheet HTML 4Page - EPCOS B41696 Datasheet HTML 5Page - EPCOS B41696 Datasheet HTML 6Page - EPCOS B41696 Datasheet HTML 7Page - EPCOS B41696 Datasheet HTML 8Page - EPCOS B41696 Datasheet HTML 9Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
1) If optimum circuit design is used, the values are lower by 30%.
Specifications and characteristics in brief
Rated voltage VR
25 and 40 V DC
Surge voltage VS
1.15
VR
Rated capacitance CR
470 ... 6800 µF
Capacitance tolerance
10/+30%
Q
Leakage current Ileak
(5 min, 20
°C)
Self-inductance ESL1)
Diameter d (mm)
12
14
16
18
20/21
Terminals
Length l (mm)
Approx. ESL (nH)
axial
25
22
26
29
38
30
21
24
29
34
39
33
38
45
49
50
soldering star
25
6
7
30
6
7
8
10
39
9
11
Useful life
Requirements:
125
°C; V
R; IAC,R
> 3000 h
∆C/C ≤ ±30% of initial value
85
°C; V
R; IAC,max
> 15000 h
ESR
≤ 3 times initial specified limit
40
°C; V
R; 2.9
IAC,R
> 200000 h
Ileak
≤ initial specified limit
Voltage endurance test
Post test requirements:
125
°C; V
R
2000 h
∆C/C ≤ ±10% of initial value
ESR
≤ 1.3% initial specified limit
Ileak
≤ initial specified limit
Vibration resistance test
To IEC 60068-2-6, test Fc:
Displacement amplitude 1.5 mm, at 10 Hz ... 2 kHz,
acceleration max. 20 g, duration 3
× 2 h.
Capacitor mounted by its wire leads at a distance of (6
±1) mm from
the case and additionally clamped by the case.
IEC climatic category
To IEC 60068-1:
55/125/56 ( 55
°C/+125 °C/56 days damp heat test)
Detail specification
Sectional specification
Similar to CECC 30301-802
IEC 60384-4
B41696, B41796
Low ESR, compact
125
°C
Page 3 of 16
Please read Cautions and warnings and
Important notes at the end of this document.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com