Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SW003A5F Datasheet(PDF) 3 Page - Lineage Power Corporation

Part # SW003A5F
Description  18-36Vdc & 36-75Vdc Input; 3.3-15Vdc Output; 1-3.5A Output Current
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINEAGEPOWER [Lineage Power Corporation]
Direct Link  http://www.lineagepower.com
Logo LINEAGEPOWER - Lineage Power Corporation

SW003A5F Datasheet(HTML) 3 Page - Lineage Power Corporation

  SW003A5F Datasheet HTML 1Page - Lineage Power Corporation SW003A5F Datasheet HTML 2Page - Lineage Power Corporation SW003A5F Datasheet HTML 3Page - Lineage Power Corporation SW003A5F Datasheet HTML 4Page - Lineage Power Corporation SW003A5F Datasheet HTML 5Page - Lineage Power Corporation SW003A5F Datasheet HTML 6Page - Lineage Power Corporation SW003A5F Datasheet HTML 7Page - Lineage Power Corporation SW003A5F Datasheet HTML 8Page - Lineage Power Corporation SW003A5F Datasheet HTML 9Page - Lineage Power Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
Data Sheet
December 12, 2008
SW/SC001/003 Series DC-DC Power Module:
18-36Vdc & 36-75Vdc Input; 3.3-15Vdc Output; 1-3.5A Output Current
LINEAGE POWER
3
Electrical Specifications (continued)
Parameter
Device
Symbol
Min
Typ
Max
Unit
Output Voltage Set-point
All
VO, set
-1.5
⎯
+1.5
% VO, set
(VIN=VIN,nom, IO=IO, max, TA=25°C)
Output Voltage
VO
-3.0
⎯
+3.0
% VO, set
(Over all operating input voltage, resistive
load, and temperature conditions until end
of life)
Adjustment Range
All
VO, adj
-10.0
+10.0
% VO, set
Selected by external resistor
Output Regulation
Line (VIN=VIN, min to VIN, max)
All
⎯
0.05
0.2
% VO, set
Load (IO=IO, min to IO, max)
All
⎯
0.05
0.2
% VO, set
Temperature (Tref=TA, min to TA, max)
All
⎯
⎯
1.00
% VO, set
Output Ripple and Noise on nominal output
Measured with 10uF Tantalum and 1uF
ceramic
(VIN=VIN, nom IO=80%IO, max TA=25°C)
RMS (5Hz to 20MHz bandwidth)
5V, 3.3V
⎯
⎯
25
mVrms
Peak-to-Peak (5Hz to 20MHz bandwidth)
5V, 3.3V
⎯
⎯
75
mVpk-pk
RMS (5Hz to 20MHz bandwidth)
15V, 12V
⎯
⎯
35
mVrms
Peak-to-Peak (5Hz to 20MHz bandwidth)
15V, 12V
⎯
⎯
100
mVpk-pk
External Capacitance
3.3V, 5V
CO, max
0
⎯
1000
μF
12V, 15V
CO, max
0
⎯
220
μF
Output Current
15V
Io
0
⎯
1.0
Adc
12V
Io
0
⎯
1.25
Adc
5V
Io
0
⎯
3.0
Adc
3.3V
Io
0
⎯
3.5
Adc
Output Current Limit Inception
15V
IO, lim
1.1
⎯
⎯
Adc
(Hiccup Mode)
12V
IO, lim
1.4
⎯
⎯
Adc
5V
IO, lim
3.2
4.2
⎯
Adc
3.3V
IO, lim
3.7
⎯
⎯
Adc
Output Short-Circuit Current
15V
IO, s/c
⎯
⎯
0.8
A rms
VO ≤ 250 mV @ 25
o C
12V
IO, s/c
⎯
⎯
1.2
A rms
5V
IO, s/c
⎯
⎯
0.7
A rms
3.3V
IO, s/c
⎯
⎯
1.5
A rms
Efficiency
SW (15V)
η
⎯
88.0
⎯
%
VIN=VIN, nom, TA=25°C
SW (12V)
η
⎯
87.0
⎯
%
IO=IO, max, VO= VO, set
SW (5.0V)
η
⎯
86.0
⎯
%
SW (3.3V)
η
⎯
85.0
⎯
%
SC (12V)
η
⎯
85.0
⎯
SC (5.0V)
η
⎯
85.5
⎯
SC (3.3V)
η
⎯
85.5
⎯
Switching Frequency (Variable with Line &
Load)
VIN=VIN, nom and IO= IO, max
All
fsw
⎯
300
⎯
kHz
VIN=VIN, nom and IO= 0.5 x IO, max
All
fsw
⎯
440
⎯
kHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com