Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SP10452R2ML Datasheet(PDF) 2 Page - ABC Taiwan Electronics Corp

Part # SP10452R2ML
Description  SHIELDED SMD POWER INDUCTOR
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABC [ABC Taiwan Electronics Corp]
Direct Link  http://www.atec-group.com
Logo ABC - ABC Taiwan Electronics Corp

SP10452R2ML Datasheet(HTML) 2 Page - ABC Taiwan Electronics Corp

  SP10452R2ML Datasheet HTML 1Page - ABC Taiwan Electronics Corp SP10452R2ML Datasheet HTML 2Page - ABC Taiwan Electronics Corp SP10452R2ML Datasheet HTML 3Page - ABC Taiwan Electronics Corp SP10452R2ML Datasheet HTML 4Page - ABC Taiwan Electronics Corp SP10452R2ML Datasheet HTML 5Page - ABC Taiwan Electronics Corp SP10452R2ML Datasheet HTML 6Page - ABC Taiwan Electronics Corp SP10452R2ML Datasheet HTML 7Page - ABC Taiwan Electronics Corp SP10452R2ML Datasheet HTML 8Page - ABC Taiwan Electronics Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
AR-001A
SP1045□□□□L□-□□□
SPECIFICATION FOR APPROVAL
17.0
18.0
0.80 ± 20 %
2). "-
":Reference code
1). □:Packaging information … A:Bulk
B:Taping Reel
5). Irms base on temp. rise 40
max.
℃
3). Measured frequency of inductance is 100 KHz / 1V
4). Isat base on inductance drop 25% typ. of L value at 20℃
□
□□
SP10453R2ML□-□□□
SP10452R2ML□-□□□
SP10451R4ML□-□□□
9.0
11.5
13.5
2.20 ± 20 %
3.20 ± 20 %
1.40 ± 20 %
10.0
9.0
13.5
SHIELDED SMD
POWER INDUCTOR
Ⅴ﹒ELECTRICAL CHARACTERISTICS:
SP1045R80ML□-□□□
SP1045R36YL□-□□□
DWG No.
NAME
PROD.
REF : 20091104-A
28.0
Isat
( A )
0.36 ± 30 %
L ( μH )
Inductance
28.5
Irms
( A )
ABC'S ITEM No.
ABC'S DWG No.
3.0
3.9
6.7
8.7
10.4
8.0
4.4
3.4
typ.
max.
1.7
1.3
RDC
( mΩ )
PAGE: 2



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com