Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SQ05042R2ML Datasheet(PDF) 1 Page - ABC Taiwan Electronics Corp

Part # SQ05042R2ML
Description  SMD POWER INDUCTOR
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABC [ABC Taiwan Electronics Corp]
Direct Link  http://www.atec-group.com
Logo ABC - ABC Taiwan Electronics Corp

SQ05042R2ML Datasheet(HTML) 1 Page - ABC Taiwan Electronics Corp

  SQ05042R2ML Datasheet HTML 1Page - ABC Taiwan Electronics Corp SQ05042R2ML Datasheet HTML 2Page - ABC Taiwan Electronics Corp SQ05042R2ML Datasheet HTML 3Page - ABC Taiwan Electronics Corp SQ05042R2ML Datasheet HTML 4Page - ABC Taiwan Electronics Corp SQ05042R2ML Datasheet HTML 5Page - ABC Taiwan Electronics Corp SQ05042R2ML Datasheet HTML 6Page - ABC Taiwan Electronics Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
REF :
PAGE: 1
PROD.
NAME
ABC'S DWG NO.
ABC'S ITEM NO.
Ⅰ﹒
MECHANICAL DIMENSIONS:
SMD POWER INDUCTOR
SPECIFICATION FOR APPROVAL
AE-001A
Marking
(
PCB Pattern Sugestion)
I
E
H
G
F
C
D
B
A
4.80 ref.
4.00 ± 0.30
4.50 ± 0.30
1.00 typ.
2.40 typ.
2.00 ref.
2.80 typ.
2.80 ref.
4.80 ± 0.30
Ⅱ﹒
SCHEMATIC DIAGRAM:
Ⅲ﹒
MATERIALS LIST:
d﹒Operating temp.:-40℃----+125℃
c﹒Storage temp.:-40℃ ----+125℃
a﹒Temp. rise :40℃ typ.
e﹒Resistance to solder heat:260℃.10 secs.
b﹒Rated current:Base on temp. rise
c﹒Adhesive:Epoxy resin
b﹒Wire:Enamelled copper wire (class F)
Ⅳ﹒
GENERAL SPECIFICATION:
a﹒Core:Ferrite core
Peak Temp:260℃ max.
Rising Area
Temperature
+4.0
/ sec max.
℃
Max time above 200℃ :70sec max.
Max time above 230℃ :50sec max.
100
0
50
150
200
250
/ sec max.
Reflow Area
70sec max.
+2.0 ~ 4.0℃
50
100
150
Preheat Area
150 ~ 200
/ 60 ~ 120sec
℃
260℃
250
200
50sec max.
230℃
-(1.0 ~ 5.0)
/ sec max.
℃
Peak Temperature:
Forced Cooling Area
d﹒Terminal:Cu/Sn
Dot is start winding
& inductance code
L / LOA=10% typ.
△
:
:
:
:
:
:
:
:
:
mm
mm
mm
mm
mm
mm
mm
mm
mm
SQ0504□□□□L□-□□□
( Temp rise included )
Time ( seconds )
e﹒Remark:Products comply with RoHS'
requirements
dc
b
a


Similar Part No. - SQ05042R2ML

ManufacturerPart #DatasheetDescription
logo
ABC Taiwan Electronics ...
SQ0703100KL ABC-SQ0703100KL Datasheet
135Kb / 7P
SMD POWER INDUCTOR
SQ0703101KL ABC-SQ0703101KL Datasheet
135Kb / 7P
SMD POWER INDUCTOR
SQ0703102KL ABC-SQ0703102KL Datasheet
135Kb / 7P
SMD POWER INDUCTOR
SQ0703120KL ABC-SQ0703120KL Datasheet
135Kb / 7P
SMD POWER INDUCTOR
SQ0703121KL ABC-SQ0703121KL Datasheet
135Kb / 7P
SMD POWER INDUCTOR
More results

Similar Description - SQ05042R2ML

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PSSL-0810 ETC2-PSSL-0810 Datasheet
23Kb / 1P
SMD Power Inductor
PSCDS-125 ETC2-PSCDS-125 Datasheet
24Kb / 1P
SMD Power Inductor
logo
Sumida Corporation
CDH5D16 SUMIDA-CDH5D16 Datasheet
169Kb / 2P
SMD Power Inductor SMD Power Inductor
C201610DS SUMIDA-C201610DS Datasheet
283Kb / 3P
SMD Power Inductor
C252012DS SUMIDA-C252012DS Datasheet
234Kb / 3P
SMD Power Inductor
CDRH40D18A SUMIDA-CDRH40D18A_12 Datasheet
183Kb / 3P
SMD Power Inductor
CDRH2D11-HPNP-1R5NC SUMIDA-CDRH2D11-HPNP-1R5NC Datasheet
160Kb / 2P
SMD Power Inductor
logo
Bourns Electronic Solut...
SDR1307 BOURNS-SDR1307_10 Datasheet
97Kb / 1P
SMD POWER INDUCTOR
PM105 BOURNS-PM105 Datasheet
47Kb / 2P
SMD POWER INDUCTOR
logo
Sumida Corporation
CDRH2D18-HP SUMIDA-CDRH2D18-HP Datasheet
181Kb / 4P
SMD Power Inductor
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com