Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX1649C/D Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX1649C/D
Description  5V/3.3V or Adjustable, High-Efficiency, Low-Dropout, Step-Down DC-DC Controllers
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1649C/D Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX1649C/D Datasheet HTML 1Page - Maxim Integrated Products MAX1649C/D Datasheet HTML 2Page - Maxim Integrated Products MAX1649C/D Datasheet HTML 3Page - Maxim Integrated Products MAX1649C/D Datasheet HTML 4Page - Maxim Integrated Products MAX1649C/D Datasheet HTML 5Page - Maxim Integrated Products MAX1649C/D Datasheet HTML 6Page - Maxim Integrated Products MAX1649C/D Datasheet HTML 7Page - Maxim Integrated Products MAX1649C/D Datasheet HTML 8Page - Maxim Integrated Products MAX1649C/D Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
5V/3.3V or Adjustable, High-Efficiency,
Low-Dropout, Step-Down DC-DC Controllers
_______________________________________________________________________________________
3
ELECTRICAL CHARACTERISTICS (continued)
(V+ = 5V, TA = TMIN to TMAX, unless otherwise noted. Typical values are at TA = +25°C.)
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
CONDITIONS
3V
≤ V+ ≤ 16V
CS Input Current
±1
µA
CEXT = 0.001µF, V+ = 12V
EXT Rise Time
25
ns
CEXT = 0.001µF, V+ = 12V
EXT Fall Time
25
ns
Current-Limit Trip Level
(V+ to CS)
mV
VCS
3V
≤ V+ ≤ 16V
80
110
140
tON
tON + tOFF
x 100%
Maximum Duty Cycle
95
96.5
%
80
66
SUPPLY CURRENT vs. TEMPERATURE
68
78
76
74
-60
-20
60
140
TEMPERATURE (°C)
20
100
-40
0
80
40
120
72
70
V+ = 10V
V+ = 16V
V+ = 4V
4.0
0
SHUTDOWN CURRENT
vs. TEMPERATURE
0.5
3.5
3.0
2.5
-60
-20
60
140
TEMPERATURE (°C)
20
100
-40
0
80
40
120
2.0
1.5
V+ = 8V
V+ = 16V
V+ = 4V
1.0
V+ = 12V
Switch Maximum On-Time
24
32
40
µs
tON (max)
V+ = 12V
Switch Minimum Off-Time
0.8
1.1
1.8
µs
tOFF (min)
-60
-20
60
140
EXT RISE AND FALL TIMES
vs. TEMPERATURE (1nF)
TEMPERATURE (°C)
20
100
-40
0
80
40
120
60
55
50
45
40
35
30
25
20
15
V+ = 15V, tFALL
V+ = 15V, tRISE
V+ = 5V, tFALL
V+ = 5V, tRISE
CEXT = 1nF
1
10
10k
LOAD CURRENT (mA)
100
90
80
70
60
50
40
100
1k
0.1
EFFICIENCY
vs. LOAD CURRENT (VOUT = 5V)
VOUT = 5V
CIRCUIT OF
FIGURE 1
TOP TO
BOTTOM:
VIN = 6V
VIN = 8V
VIN = 10V
VIN = 12V
VIN = 15V
__________________________________________Typical Operating Characteristics
(TA = +25°C, unless otherwise noted.)
40
-60
-20
60
140
EXT RISE AND FALL TIMES
vs. TEMPERATURE (5nF)
80
TEMPERATURE (°C)
20
100
-40
0
80
40
120
60
100
140
120
160
200
180
240
220
V+ = 15V, tFALL
V+ = 15V, tRISE
V+ = 5V, tFALL
V+ = 5V, tRISE
CEXT = 5nF
1
10
10k
LOAD CURRENT (mA)
100
90
80
70
60
50
40
100
1k
0.1
EFFICIENCY
vs. LOAD CURRENT (VOUT = 3.3V)
VOUT = 3.3V
CIRCUIT OF
FIGURE 1
TOP TO
BOTTOM:
VIN = 4.3V
VIN = 5V
VIN = 8V
VIN = 10V
VIN = 12V
VIN = 15V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com