Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SS0804221KL Datasheet(PDF) 8 Page - ABC Taiwan Electronics Corp

Part # SS0804221KL
Description  SHIELDED SMD POWER INDUCTOR
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABC [ABC Taiwan Electronics Corp]
Direct Link  http://www.atec-group.com
Logo ABC - ABC Taiwan Electronics Corp

SS0804221KL Datasheet(HTML) 8 Page - ABC Taiwan Electronics Corp

  SS0804221KL Datasheet HTML 1Page - ABC Taiwan Electronics Corp SS0804221KL Datasheet HTML 2Page - ABC Taiwan Electronics Corp SS0804221KL Datasheet HTML 3Page - ABC Taiwan Electronics Corp SS0804221KL Datasheet HTML 4Page - ABC Taiwan Electronics Corp SS0804221KL Datasheet HTML 5Page - ABC Taiwan Electronics Corp SS0804221KL Datasheet HTML 6Page - ABC Taiwan Electronics Corp SS0804221KL Datasheet HTML 7Page - ABC Taiwan Electronics Corp SS0804221KL Datasheet HTML 8Page - ABC Taiwan Electronics Corp  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
SHIELDED SMD
AE-001A
NAME
PROD.
REF :
___
___
___
___
130
130
0.30
94V-0
130
___
NC , BK
E4010
130
130
130
130
130
130
130
130
220
220
220
NC , BK
E4810
E400(Y)L , E4008L
NC , BK
0.30
94V-0
3.0
1.5
0.75
94V-0
94V-0
94V-0
0.30
3.0
1.5
0.75
1.5
3.0
0.75
94V-0
94V-0
94V-0
94V-0
94V-0
94V-0
94V-0
___
___
130
130
130
130
130
130
130
130
1
0
0
130
130
130
130
200
200
180
130
130
130
130
1
2
3
240
240
220
2
1
3
___
___
___
___
4
4
4
___
0
___
___
5
___
___
4
___
___
___
4
4
4
0
___
___
4
4
4
0
___
___
___
___
___
5
___
4
___
___
___
5
___
4
___
___
SS0804□□□□L□-□□□
ABC'S ITEM NO.
ABC'S DWG NO.
130
Elec
130
130
130
130
220
220
220
Liquid crystal plyester (LCP), designated "EKONOL" or "SUMIKASUPER", furnished in the form of pellets, (Contd)
NC , BK
E4008 , E400X
E4008
NC , WT , BK
Mtl Dsg
Col
0.30
94V-0
0.30
3.0
1.5
0.75
1.5
3.0
0.75
94V-0
94V-0
94V-0
94V-0
94V-0
94V-0
94V-0
Min
mm
Thk
UL94
Class
Flame
POWER INDUCTOR
E54705 (M)
I
H
___
W
___
130
130
130
200
200
180
130
130
130
130
240
240
220
2
1
3
130
130
130
2
1
3
Mech
Imp
with
RTI
Imp
w/o
___
___
___
___
___
___
4
4
4
0
___
___
4
4
4
___
0
___
___
___
___
5
___
4
___
___
___
5
___
4
___
___
V
H
I
A
R
T
H
C
4
5
9
I
T
D
SPECIFICATION FOR APPROVAL
PAGE: 8



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com