Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B59053 Datasheet(PDF) 7 Page - EPCOS

Part # B59053
Description  PTC thermistors as heating elements
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B59053 Datasheet(HTML) 7 Page - EPCOS

  B59053 Datasheet HTML 1Page - EPCOS B59053 Datasheet HTML 2Page - EPCOS B59053 Datasheet HTML 3Page - EPCOS B59053 Datasheet HTML 4Page - EPCOS B59053 Datasheet HTML 5Page - EPCOS B59053 Datasheet HTML 6Page - EPCOS B59053 Datasheet HTML 7Page - EPCOS B59053 Datasheet HTML 8Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
tE
Settling time (for level sensors)
TR
Rated temperature
Tsense
Sensing temperature
Top
Operating temperature
TPTC
PTC temperature
tR
Response time
Tref
Reference temperature
TRmin
Temperature at minimum resistance
tS
Switching time
Tsurf
Surface temperature
UCT
Upper category temperature
V or Vel
Voltage (with subscript only for distinction from volume)
VRMS
Root-mean-square value of voltage
VBD
Breakdown voltage
Vins
Insulation test voltage
Vlink,max
Maximum link voltage
Vmax
Maximum operating voltage
Vmax,dyn
Maximum dynamic (short-time) operating voltage
Vmeas
Measuring voltage
Vmeas,max
Maximum measuring voltage
VR
Rated voltage
VPTC
Voltage drop across a PTC thermistor
α
Temperature coefficient
∆
Tolerance, change
δ
th
Dissipation factor
τ
th
Thermal cooling time constant
λ
Failure rate
Lead spacing (in mm)
Abbreviations / Notes
Surface-mount devices
* To be replaced by a number in ordering codes, type designations etc.
+ To be replaced by a letter
All dimensions are given in mm.
The commas used in numerical values denote decimal points.
Heating elements
Metallized round disks, 230 V
A53
Page 7 of 8
Please read Cautions and warnings and
Important notes at the end of this document.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com