Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B65840 Datasheet(PDF) 2 Page - EPCOS

Part # B65840
Description  Ferrites and accessories
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B65840 Datasheet(HTML) 2 Page - EPCOS

  B65840 Datasheet HTML 1Page - EPCOS B65840 Datasheet HTML 2Page - EPCOS B65840 Datasheet HTML 3Page - EPCOS B65840 Datasheet HTML 4Page - EPCOS B65840 Datasheet HTML 5Page - EPCOS B65840 Datasheet HTML 6Page - EPCOS B65840 Datasheet HTML 7Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
2
09/06
Please read Cautions and warnings and
Important notes at the end of this document.
■ To IEC 61596
■ For transformers featuring high inductance
and low overall height
■ For power applications
■ Delivery mode: sets
Magnetic characteristics (per set)
Σl/A= 1.52 mm–1
le
= 15.7 mm
Ae
= 10.3 mm2
Amin = 8.5 mm2
Ve
= 162 mm3
Approx. weight 1.4 g/set
Gapped
Material
AL value
nH
s
approx.
mm
µ
e
Ordering code
T38
63
±3%
0.20
76
B65839A0063A038
100
±3%
0.13
121
B65839A0100A038
160
±5%
0.08
194
B65839A0160J038
200
±6%
0.06
243
B65839A0200C038
250
±7%
0.05
303
B65839A0250E038
T57
63
±3%
0.20
76
B65839A0063A057
100
±3%
0.13
121
B65839A0100A057
160
±5%
0.08
194
B65839A0160J057
200
±6%
0.06
243
B65839A0200C057
250
±7%
0.05
303
B65839A0250E057
N45
63
±3%
0.20
76
B65839A0063A045
100
±3%
0.13
121
B65839A0100A045
160
±5%
0.08
194
B65839A0160J045
200
±6%
0.06
243
B65839A0200C045
250
±7%
0.05
303
B65839A0250E045
N87
63
±3%
0.20
76
B65839A0063A087
100
±3%
0.12
121
B65839A0100A087
160
±5%
0.07
194
B65839A0160J087
200
±6%
0.06
243
B65839A0200C087
250
±7%
0.05
303
B65839A0250E087
FEP0004-T
9,4 0,4
_
7,2+0,4
4,4
0,2
3,4 _
gapped (one-sided)
∗)
B65839
Core
EP 7



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com