Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST2012240ML Datasheet(PDF) 1 Page - ABC Taiwan Electronics Corp

Part # ST2012240ML
Description  SMD TOROIDAL POWER FILTER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABC [ABC Taiwan Electronics Corp]
Direct Link  http://www.atec-group.com
Logo ABC - ABC Taiwan Electronics Corp

ST2012240ML Datasheet(HTML) 1 Page - ABC Taiwan Electronics Corp

  ST2012240ML Datasheet HTML 1Page - ABC Taiwan Electronics Corp ST2012240ML Datasheet HTML 2Page - ABC Taiwan Electronics Corp ST2012240ML Datasheet HTML 3Page - ABC Taiwan Electronics Corp ST2012240ML Datasheet HTML 4Page - ABC Taiwan Electronics Corp ST2012240ML Datasheet HTML 5Page - ABC Taiwan Electronics Corp ST2012240ML Datasheet HTML 6Page - ABC Taiwan Electronics Corp ST2012240ML Datasheet HTML 7Page - ABC Taiwan Electronics Corp ST2012240ML Datasheet HTML 8Page - ABC Taiwan Electronics Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
REF :
PAGE: 1
SPECIFICATION FOR APPROVAL
PROD.
NAME
ABC'S DWG NO.
ABC'S ITEM NO.
Ⅰ﹒
CONFIGURATION & DIMENSIONS:
Ⅱ﹒
SCHEMATIC DIAGRAM:
Ⅲ﹒
MATERIALS:
Ⅳ﹒
GENERAL SPECIFICATION:
a﹒Core:Iron Toroidal Core
b﹒Case:PPS-R7
c﹒Operating Temp.:-25℃----+130℃
b﹒Storage Temp.:-40℃ ----+130℃
a﹒Temp. Rise :40℃ typ.
d﹒Resistance To Solder Heat:260℃.10 Secs.
m / m
B :
19.05 ± 0.4
C :
8.89 typ.
D :
16.60 typ.
( PCB Pattern )
d﹒Adhesive:Epoxy Resin
c﹒Wire:Enamelled Copper Wire ( class F )
A :
16.50 ± 0.3
m / m
m / m
m / m
a
c
b
ST2012□□□□L□-□□□
16.6
2.54
AR-001A
100
0
50
50
150
250
200
Rising Area
Temperature
+4.0
/ sec max.
Forced Cooling Area
-(1.0 ~ 5.0)
/ sec max.
Peak Temperature:
Time ( seconds )
100
150
200
50sec max.
70sec max.
260℃
150 ~ 200
/ 60 ~ 120sec
Preheat Area
+2.0 ~ 4.0℃
Reflow Area
250
230℃
Max time above 230℃ :50sec max.
Peak Temp:260℃ max.
Max time above 200℃ :70sec max.
INDUCTANCE CODE
MARKING
1
4
3
2
B
D
A` :
17.70 max.
m / m
C` :
10.80 max.
m / m
12
3 4
SMD TOROIDAL POWER FILTER
e﹒ Remark:Products comply with RoHS'
requirements


Similar Part No. - ST2012240ML

ManufacturerPart #DatasheetDescription
logo
E-SWITCH
ST201223 E-SWITCH-ST201223 Datasheet
65Kb / 1P
ALL DIMENSIONS IN MM [INCH]
More results

Similar Description - ST2012240ML

ManufacturerPart #DatasheetDescription
logo
ABC Taiwan Electronics ...
ST08061R0ML ABC-ST08061R0ML Datasheet
532Kb / 7P
SMD TOROIDAL POWER FILTER
ST12094R7ML ABC-ST12094R7ML Datasheet
540Kb / 7P
SMD TOROIDAL POWER FILTER
ST14093R3ML ABC-ST14093R3ML Datasheet
530Kb / 7P
SMD TOROIDAL POWER FILTER
ST15101R2ML ABC-ST15101R2ML Datasheet
490Kb / 7P
SMD TOROIDAL POWER FILTER
ST17112R8ML ABC-ST17112R8ML Datasheet
519Kb / 7P
SMD TOROIDAL POWER FILTER
ST18102R6ML ABC-ST18102R6ML Datasheet
560Kb / 7P
SMD TOROIDAL POWER FILTER
ST2412100ML ABC-ST2412100ML Datasheet
606Kb / 8P
SMD TOROIDAL POWER FILTER
logo
Allied Components Inter...
SMTC3726-3R8M-RC ALLIED-SMTC3726-3R8M-RC Datasheet
369Kb / 1P
SMD TOROIDAL CHOKES
SMTC3726 ALLIED-SMTC3726 Datasheet
361Kb / 1P
SMD TOROIDAL CHOKES
SMTC3752 ALLIED-SMTC3752 Datasheet
1Mb / 1P
SMD TOROIDAL CHOKE
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com