Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SW32254N7DL Datasheet(PDF) 1 Page - ABC Taiwan Electronics Corp

Part # SW32254N7DL
Description  WOUND CHIP INDUCTOR
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABC [ABC Taiwan Electronics Corp]
Direct Link  http://www.atec-group.com
Logo ABC - ABC Taiwan Electronics Corp

SW32254N7DL Datasheet(HTML) 1 Page - ABC Taiwan Electronics Corp

  SW32254N7DL Datasheet HTML 1Page - ABC Taiwan Electronics Corp SW32254N7DL Datasheet HTML 2Page - ABC Taiwan Electronics Corp SW32254N7DL Datasheet HTML 3Page - ABC Taiwan Electronics Corp SW32254N7DL Datasheet HTML 4Page - ABC Taiwan Electronics Corp SW32254N7DL Datasheet HTML 5Page - ABC Taiwan Electronics Corp SW32254N7DL Datasheet HTML 6Page - ABC Taiwan Electronics Corp SW32254N7DL Datasheet HTML 7Page - ABC Taiwan Electronics Corp SW32254N7DL Datasheet HTML 8Page - ABC Taiwan Electronics Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
SPECIFICATION FOR APPROVAL
SW3225□□□□L□-□□□
G
( PCB Pattern )
C : 2.10±0.2
B : 2.50±0.2
A : 3.20±0.2
/ sec max.
+2.0 ~ 4.0℃
Time ( seconds )
150
Reflow Area
Ⅲ﹒
MATERIALS:
AR-001A
Ⅳ﹒
GENERAL SPECIFICATION:
b﹒Rated current:Current cause inductance
e﹒Remark:Products comply with RoHS'
b﹒WIRE :Enamelled copper wire (class H)
a﹒Temp rise :15℃ max.
c﹒Storage temp.:-40℃ ----+125℃
d﹒Operating temp.:-40℃----+125℃
drop within 10% max.
requirements
Mo / Mn + Ni + Au
d﹒Encapsulate:Epoxy
a﹒Core:Ceramic
c﹒Terminal:
50
100
50
0
250
150
200
100
+4.0
/ sec max.
℃
Max time above 200℃ :70sec max.
Max time above 230℃ :50sec max.
Peak Temp:260℃ max.
Temperature
Rising Area
150 ~ 200
/ 60 ~ 120sec
℃
Preheat Area
c
b
NAME
PROD.
Inductance Code
Ⅱ﹒
SCHEMATIC DIAGRAM:
Ⅰ﹒
CONFIGURATION & DIMENSIONS:
REF :
F : 2.20
E
F
E
I
I : 0.70
H : 2.80
G : 1.80
WOUND CHIP INDUCTOR
A
Marking
R12
E : 0.50
D : 1.10
ABC'S ITEM NO.
ABC'S DWG NO.
Peak Temperature:
200
250
260
℃
70sec max.
50sec max.
230
℃
Forced Cooling Area
-(1.0 ~ 5.0)
/ sec max.
℃
m/m
a
d
I
m/m
m/m
m/m
m/m
m/m
m/m
m/m
m/m
PAGE: 1


Similar Part No. - SW32254N7DL

ManufacturerPart #DatasheetDescription
logo
Alpha Wire
SW32 ALPHAWIRE-SW32 Datasheet
387Kb / 3P
RoHS-Compliant Commencing With 10/1/2004 Production
logo
Xian Semipower Electron...
SW3205 SEMIPOWER-SW3205 Datasheet
696Kb / 7P
N-channel MOSFET
logo
TT Electronics.
SW3264-B TTELEC-SW3264-B Datasheet
295Kb / 2P
UNITED KINGDOM 3-PIN PLUG-IN POWER SUPPLY 6VDC 18WATT
28/05/2020
logo
ZIEHL industrie-elektro...
SW32V ZIEHL-SW32V Datasheet
302Kb / 2P
Universal voltage monitor SW32V Over- and undervoltage for DC-, AC- and 3AC voltages
More results

Similar Description - SW32254N7DL

ManufacturerPart #DatasheetDescription
logo
ABC Taiwan Electronics ...
CM252010NJ3 ABC-CM252010NJ3 Datasheet
138Kb / 8P
WOUND CHIP INDUCTOR
CM3225R12ML ABC-CM3225R12ML Datasheet
553Kb / 8P
WOUND CHIP INDUCTOR
CM4532R10ML ABC-CM4532R10ML Datasheet
583Kb / 8P
WOUND CHIP INDUCTOR
SL10051N0DL ABC-SL10051N0DL Datasheet
465Kb / 6P
WOUND CHIP INDUCTOR
SW2022R47K2 ABC-SW2022R47K2 Datasheet
614Kb / 8P
WOUND CHIP INDUCTOR
SW20222N2DL ABC-SW20222N2DL Datasheet
142Kb / 8P
WOUND CHIP INDUCTOR
logo
Bourns Electronic Solut...
CW201212_MDS BOURNS-CW201212_MDS Datasheet
51Kb / 3P
WOUND CHIP INDUCTOR
logo
XFMRS Inc.
XFWIC453630-150K XFMRS-XFWIC453630-150K Datasheet
36Kb / 1P
Wound Chip Inductor
XFWIC453630-331K XFMRS-XFWIC453630-331K Datasheet
46Kb / 1P
Wound Chip Inductor
XFWIC453630-470K XFMRS-XFWIC453630-470K Datasheet
64Kb / 1P
Wound Chip Inductor
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com