Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SW160820NJL Datasheet(PDF) 3 Page - ABC Taiwan Electronics Corp

Part # SW160820NJL
Description  WOUND CHIP INDUCTOR
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABC [ABC Taiwan Electronics Corp]
Direct Link  http://www.atec-group.com
Logo ABC - ABC Taiwan Electronics Corp

SW160820NJL Datasheet(HTML) 3 Page - ABC Taiwan Electronics Corp

  SW160820NJL Datasheet HTML 1Page - ABC Taiwan Electronics Corp SW160820NJL Datasheet HTML 2Page - ABC Taiwan Electronics Corp SW160820NJL Datasheet HTML 3Page - ABC Taiwan Electronics Corp SW160820NJL Datasheet HTML 4Page - ABC Taiwan Electronics Corp SW160820NJL Datasheet HTML 5Page - ABC Taiwan Electronics Corp SW160820NJL Datasheet HTML 6Page - ABC Taiwan Electronics Corp SW160820NJL Datasheet HTML 7Page - ABC Taiwan Electronics Corp SW160820NJL Datasheet HTML 8Page - ABC Taiwan Electronics Corp SW160820NJL Datasheet HTML 9Page - ABC Taiwan Electronics Corp  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
SPECIFICATION FOR APPROVAL
1). □:Packaging Information… A:Bulk B:Taping Reel
Ⅴ﹒ELECTRICAL CHARACTERISTICS:
AR-001A
2)."-
":Reference code
□
□ □
-□□□
-□□□
-□□□
-□□□
-□□□
-□□□
-□□□
SW1608R24JL□
SW1608R39JL□
SW1608R33JL□
SW1608R27JL□
SW1608R20JL□
SW1608R21JL□
SW1608R22JL□
30
240.0± 5%
390.0± 5%
330.0± 5%
270.0± 5%
25
20
30
200.0± 5%
210.0± 5%
220.0± 5%
27
30
30
-□□□
SW160843NJL□
38
43.0± 5%
-□□□
35
SW160882NJL□
82.0± 5%
-□□□
-□□□
-□□□
-□□□
-□□□
-□□□
-□□□
SW1608R12JL□
SW1608R13JL□
SW1608R18JL□
SW1608R15JL□
SW1608R11JL□
SW1608R10JL□
SW160890NJL□
35
120.0± 5%
130.0± 5%
150.0± 5%
180.0± 5%
30
35
35
110.0± 5%
90.0± 5%
100.0± 5%
35
35
35
-□□□
-□□□
-□□□
-□□□
-□□□
-□□□
SW160862NJL□
SW160872NJL□
SW160868NJL□
SW160851NJL□
SW160847NJL□
SW160856NJL□
40
62.0± 5%
72.0± 5%
68.0± 5%
35
40
51.0± 5%
47.0± 5%
56.0± 5%
40
40
40
REF : 20090828-C
-□□□
-□□□
-□□□
SW160836NJL□
SW160839NJL□
SW160833NJL□
DWG No.
36.0± 5%
33.0± 5%
39.0± 5%
43
43
43
Inductance
( nH )
Q
min.
WOUND CHIP INDUCTOR
NAME
PROD.
170
150
170
240
200
200
200
15
100
100
100
100
-
-
10
100
100
100
23
23
23
1000
1.700
450
350
1000
2.000
2.000
1.800
1000
1000
1000
1.700
1.700
1.250
62
600
2000
0.280
250
280
400
600
600
600
400
600
400
300
600
400
280
400
240
58
1700
0.540
150
45
150
100
150
150
33
26
40
150
150
150
51
22
52
1300
0.650
1000
1000
1000
0.920
1.250
0.920
1400
1400
1700
0.630
0.630
0.540
60
200
150
200
60
57
200
200
200
66
66
65
1700
0.340
1700
1700
0.490
0.340
1900
1900
2000
0.310
0.310
0.280
IDC
( mA )
max.
600
SW1608□□□□L□-□□□
PAGE: 3
600
600
( MHz )
250
250
250
66
70
78
Test Freq.
(MHz)
L/Q
@900
MHz
typ.
Q
2200
2200
2300
0.250
0.250
0.220
min.
SRF
( Ω )
max.
RDC
ABC'S DWG NO.
ABC'S ITEM NO.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com