Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SW20221R8K2 Datasheet(PDF) 1 Page - ABC Taiwan Electronics Corp

Part # SW20221R8K2
Description  WOUND CHIP INDUCTOR
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABC [ABC Taiwan Electronics Corp]
Direct Link  http://www.atec-group.com
Logo ABC - ABC Taiwan Electronics Corp

SW20221R8K2 Datasheet(HTML) 1 Page - ABC Taiwan Electronics Corp

  SW20221R8K2 Datasheet HTML 1Page - ABC Taiwan Electronics Corp SW20221R8K2 Datasheet HTML 2Page - ABC Taiwan Electronics Corp SW20221R8K2 Datasheet HTML 3Page - ABC Taiwan Electronics Corp SW20221R8K2 Datasheet HTML 4Page - ABC Taiwan Electronics Corp SW20221R8K2 Datasheet HTML 5Page - ABC Taiwan Electronics Corp SW20221R8K2 Datasheet HTML 6Page - ABC Taiwan Electronics Corp SW20221R8K2 Datasheet HTML 7Page - ABC Taiwan Electronics Corp SW20221R8K2 Datasheet HTML 8Page - ABC Taiwan Electronics Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
/ sec max.
+2.0 ~ 4.0℃
Time ( seconds )
Reflow Area
SW2022□□□□2□-□□□
B : 1.25±0.2
C : 1.20±0.2
A : 2.00±0.2
G
( PCB Pattern )
SPECIFICATION FOR APPROVAL
Ⅲ﹒
MATERIALS:
AR-001A
Ⅳ﹒
GENERAL SPECIFICATION:
b﹒WIRE :Enamelled copper wire (class H)
e﹒Remark:Products comply with RoHS'
b﹒Rated current:Current cause inductance
drop within 10% max.
a﹒Temp rise :15℃ max.
c﹒Storage temp.:-40℃ ----+85℃
d﹒Operating temp.:-40℃----+85℃
requirements
Ag + Ni + Sn
d﹒Encapsulate:Epoxy
a﹒Core:Ferrite
c﹒Terminal:
50
100
0
50
250
150
200
100
150
+4.0
/ sec max.
℃
Max time above 200℃ :70sec max.
Max time above 230℃ :50sec max.
Peak Temp:260℃ max.
Temperature
Rising Area
150 ~ 200
/ 60 ~ 120sec
℃
Preheat Area
c
b
Inductance code
Ⅱ﹒
SCHEMATIC DIAGRAM:
Ⅰ﹒
CONFIGURATION & DIMENSIONS:
NAME
PROD.
REF :
F : 1.00
E
F
E
I
G : 0.80
I : 0.60
H : 1.40
WOUND CHIP INDUCTOR
A
Marking
R12
D : 0.50
E : 0.50
ABC'S ITEM NO.
ABC'S DWG NO.
260℃
200
250
70sec max.
50sec max.
230℃
Forced Cooling Area
-(1.0 ~ 5.0)
/ sec max.
℃
Peak Temperature:
m/m
a
d
I
m/m
m/m
m/m
m/m
m/m
m/m
m/m
m/m
PAGE: 1


Similar Part No. - SW20221R8K2

ManufacturerPart #DatasheetDescription
logo
ABC Taiwan Electronics ...
SW202210NJL ABC-SW202210NJL Datasheet
142Kb / 8P
WOUND CHIP INDUCTOR
SW202212NJL ABC-SW202212NJL Datasheet
142Kb / 8P
WOUND CHIP INDUCTOR
SW202215NJL ABC-SW202215NJL Datasheet
142Kb / 8P
WOUND CHIP INDUCTOR
SW202218NJL ABC-SW202218NJL Datasheet
142Kb / 8P
WOUND CHIP INDUCTOR
More results

Similar Description - SW20221R8K2

ManufacturerPart #DatasheetDescription
logo
ABC Taiwan Electronics ...
CM252010NJ3 ABC-CM252010NJ3 Datasheet
138Kb / 8P
WOUND CHIP INDUCTOR
CM3225R12ML ABC-CM3225R12ML Datasheet
553Kb / 8P
WOUND CHIP INDUCTOR
CM4532R10ML ABC-CM4532R10ML Datasheet
583Kb / 8P
WOUND CHIP INDUCTOR
SL10051N0DL ABC-SL10051N0DL Datasheet
465Kb / 6P
WOUND CHIP INDUCTOR
SW20222N2DL ABC-SW20222N2DL Datasheet
142Kb / 8P
WOUND CHIP INDUCTOR
logo
Caliber Electronics Inc...
LSW-1008 CALIBER-LSW-1008 Datasheet
28Kb / 1P
Wound Chip Inductor
logo
Bourns Electronic Solut...
CW201212_MDS BOURNS-CW201212_MDS Datasheet
51Kb / 3P
WOUND CHIP INDUCTOR
logo
XFMRS Inc.
XFWIC453630-150K XFMRS-XFWIC453630-150K Datasheet
36Kb / 1P
Wound Chip Inductor
XFWIC453630-331K XFMRS-XFWIC453630-331K Datasheet
46Kb / 1P
Wound Chip Inductor
XFWIC453630-470K XFMRS-XFWIC453630-470K Datasheet
64Kb / 1P
Wound Chip Inductor
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com