Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SW16084N3DL Datasheet(PDF) 1 Page - ABC Taiwan Electronics Corp

Part # SW16084N3DL
Description  WOUND CHIP INDUCTOR
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABC [ABC Taiwan Electronics Corp]
Direct Link  http://www.atec-group.com
Logo ABC - ABC Taiwan Electronics Corp

SW16084N3DL Datasheet(HTML) 1 Page - ABC Taiwan Electronics Corp

  SW16084N3DL Datasheet HTML 1Page - ABC Taiwan Electronics Corp SW16084N3DL Datasheet HTML 2Page - ABC Taiwan Electronics Corp SW16084N3DL Datasheet HTML 3Page - ABC Taiwan Electronics Corp SW16084N3DL Datasheet HTML 4Page - ABC Taiwan Electronics Corp SW16084N3DL Datasheet HTML 5Page - ABC Taiwan Electronics Corp SW16084N3DL Datasheet HTML 6Page - ABC Taiwan Electronics Corp SW16084N3DL Datasheet HTML 7Page - ABC Taiwan Electronics Corp SW16084N3DL Datasheet HTML 8Page - ABC Taiwan Electronics Corp SW16084N3DL Datasheet HTML 9Page - ABC Taiwan Electronics Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
Ⅲ﹒MATERIALS:
e﹒Remark:Products comply with RoHS'
c﹒Terminal:
d﹒Encapsulate:Epoxy
b﹒WIRE :Enamelled copper wire (class H)
a﹒Core:Ceramic
b﹒Rated current:Current cause inductance
a﹒Temp rise :15℃ max.
c﹒Storage temp.:-40℃ ----+125℃
d﹒Operating temp.:-40℃----+125℃
Ⅳ﹒GENERAL SPECIFICATION:
AR-001A
Rising Area
+4.0
/ sec max.
℃
Temperature
Peak Temp:260℃ max.
Max time above 230℃ :50sec max.
Max time above 200℃ :70sec max.
drop within 10% max.
100
0
50
150
200
250
Mo / Mn + Ni + Au
requirements
260℃
150
Time ( seconds )
50
100
200
250
70sec max.
50sec max.
230℃
150 ~ 200
/ 60 ~ 120sec
℃
Preheat Area
c
-(1.0 ~ 5.0)
/ sec max.
℃
Forced Cooling Area
Peak Temperature:
Reflow Area
+2.0 ~ 4.0℃
/ sec max.
b
Ⅱ﹒SCHEMATIC DIAGRAM:
Ⅰ﹒CONFIGURATION & DIMENSIONS:
REF : 20090828-C
NAME
PROD.
m/m
F
:
0.90
F
E
E
G
( PCB Pattern )
I
a
d
I
G
:
0.70
I
:
0.45
H
:
1.20
m/m
m/m
m/m
ABC'S ITEM NO.
ABC'S DWG NO.
SPECIFICATION FOR APPROVAL
A
WOUND CHIP INDUCTOR
B
:
1.05±0.2
C
:
1.05±0.2
A
:
1.60±0.2
E
:
0.35
D
:
0.50
m/m
m/m
m/m
m/m
m/m
SW1608□□□□L□-□□□
PAGE: 1


Similar Part No. - SW16084N3DL

ManufacturerPart #DatasheetDescription
logo
Chemtronics. All rights...
SW16025 CHEMTRONICS-SW16025 Datasheet
711Kb / 2P
Soder-Wick® No Clean Desoldering Braid
Rev. G 8/18
SW16035 CHEMTRONICS-SW16035 Datasheet
711Kb / 2P
Soder-Wick® No Clean Desoldering Braid
Rev. G 8/18
logo
List of Unclassifed Man...
SW16045 ETC2-SW16045 Datasheet
109Kb / 7P
K횆YTT횜TURVALLISUUSTIEDOTE
logo
Chemtronics. All rights...
SW16045 CHEMTRONICS-SW16045 Datasheet
711Kb / 2P
Soder-Wick® No Clean Desoldering Braid
Rev. G 8/18
logo
Xian Semipower Electron...
SW160R02VT SEMIPOWER-SW160R02VT Datasheet
760Kb / 6P
N-channel Enhanced mode DFN3*3 MOSFET
Apr. 2019.
More results

Similar Description - SW16084N3DL

ManufacturerPart #DatasheetDescription
logo
ABC Taiwan Electronics ...
CM252010NJ3 ABC-CM252010NJ3 Datasheet
138Kb / 8P
WOUND CHIP INDUCTOR
CM3225R12ML ABC-CM3225R12ML Datasheet
553Kb / 8P
WOUND CHIP INDUCTOR
CM4532R10ML ABC-CM4532R10ML Datasheet
583Kb / 8P
WOUND CHIP INDUCTOR
SL10051N0DL ABC-SL10051N0DL Datasheet
465Kb / 6P
WOUND CHIP INDUCTOR
SW2022R47K2 ABC-SW2022R47K2 Datasheet
614Kb / 8P
WOUND CHIP INDUCTOR
SW20222N2DL ABC-SW20222N2DL Datasheet
142Kb / 8P
WOUND CHIP INDUCTOR
logo
Bourns Electronic Solut...
CW201212_MDS BOURNS-CW201212_MDS Datasheet
51Kb / 3P
WOUND CHIP INDUCTOR
logo
XFMRS Inc.
XFWIC453630-150K XFMRS-XFWIC453630-150K Datasheet
36Kb / 1P
Wound Chip Inductor
XFWIC453630-331K XFMRS-XFWIC453630-331K Datasheet
46Kb / 1P
Wound Chip Inductor
XFWIC453630-470K XFMRS-XFWIC453630-470K Datasheet
64Kb / 1P
Wound Chip Inductor
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com