Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P3LP-155L Datasheet(PDF) 2 Page - Coilcraft lnc.

Part # P3LP-155L
Description  Low Pass LC Filter Modules
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COILCRAFT [Coilcraft lnc.]
Direct Link  http://www.coilcraft.com
Logo COILCRAFT - Coilcraft lnc.

P3LP-155L Datasheet(HTML) 2 Page - Coilcraft lnc.

  P3LP-155L Datasheet HTML 1Page - Coilcraft lnc. P3LP-155L Datasheet HTML 2Page - Coilcraft lnc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
© Coilcraft, Inc. 2009
Specifications subject to change without notice.
Please check our website for latest information.
Document 118-2
Document 118-2
Revised 10/30/08
Frequency (MHz)
0
10
20
30
40
50
60
70
80
10
100
1000
Frequency (MHz)
0
10
20
30
40
50
60
70
80
1
10
100
Frequency (MHz)
0
10
20
30
40
50
60
70
80
100
1000
10000
Frequency (MHz)
0
10
20
30
40
50
60
70
80
0.1
1
10
P7LP-304
P7LP-155
P7LP-157
P7LP-156
P7LP-604
P7LP-605
P7LP-507
P7LP-606
P7LP-305
P7LP-307
P7LP-306
Frequency (MHz)
0
10
20
30
40
50
60
70
10
100
1000
Frequency (MHz)
0
10
20
30
40
50
60
70
100
1000
10000
Frequency (MHz)
0
10
20
30
40
50
60
70
1
10
100
Frequency (MHz)
0
10
20
30
40
50
60
70
0.1
1
10
P3LP-304
P3LP-606
P3LP-605
P3LP-604
P3LP-155
P3LP-305
P3LP-157
P3LP-307
P3LP-507
P3LP-306
P3LP-156
7 Pole Filters*
3 Pole Filters*
*Measured on Agilent/HP 8753D network analyzer (re: 50 )



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com