Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M2022-ASL Datasheet(PDF) 2 Page - Coilcraft lnc.

Part # M2022-ASL
Description  Common Mode EMI Filters
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COILCRAFT [Coilcraft lnc.]
Direct Link  http://www.coilcraft.com
Logo COILCRAFT - Coilcraft lnc.

M2022-ASL Datasheet(HTML) 2 Page - Coilcraft lnc.

  M2022-ASL Datasheet HTML 1Page - Coilcraft lnc. M2022-ASL Datasheet HTML 2Page - Coilcraft lnc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
© Coilcraft, Inc. 2009
Specifications subject to change without notice.
Please check our website for latest information.
M2022-AL, M2022-ALPL
Typical Attenuation*
Typical Impedance vs Frequency
M2022-ASL
Typical Attenuation*
Typical Impedance vs Frequency
Document 151-2
Document 151-2
Revised 10/30/08
*Measured on Agilent/HP 8753D network analyzer. Ref: 50 Ohms.
0.1
1
10
10
0
Frequency (MHz)
20
30
40
100
1000
Common mode
Differential mode
110
10
100
Frequency (MHz)
1
0.1
0.01
0.001
100
1000
0.01
0.1
1
Common mode
Differential mode
10
10
0
Frequency (MHz)
20
30
40
100
1000
10000
110
10
100
Frequency (MHz)
1
0.1
0.01
0.001
100
1000



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com