Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACE50232AM+ Datasheet(PDF) 7 Page - ACE Technology Co., LTD.

Part # ACE50232AM+
Description  400mA CMOS Low Dropout Voltage Low consumption Regulator
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE50232AM+ Datasheet(HTML) 7 Page - ACE Technology Co., LTD.

Back Button ACE50232AM+ Datasheet HTML 3Page - ACE Technology Co., LTD. ACE50232AM+ Datasheet HTML 4Page - ACE Technology Co., LTD. ACE50232AM+ Datasheet HTML 5Page - ACE Technology Co., LTD. ACE50232AM+ Datasheet HTML 6Page - ACE Technology Co., LTD. ACE50232AM+ Datasheet HTML 7Page - ACE Technology Co., LTD. ACE50232AM+ Datasheet HTML 8Page - ACE Technology Co., LTD. ACE50232AM+ Datasheet HTML 9Page - ACE Technology Co., LTD. ACE50232AM+ Datasheet HTML 10Page - ACE Technology Co., LTD. ACE50232AM+ Datasheet HTML 11Page - ACE Technology Co., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
 
                                                                                                                     
ACE502
                        Technology
400mA CMOS Low Dropout Voltage Low consumption Regulator
VER 1.2
7
VOUT=3.3V Line regulation (IOUT=40mA)
VOUT=5.0V Line regulation (IOUT=40mA)
Line regulation (VOUT=3.3V)
Line regulation (VOUT=5V)
VIN (V)
VIN (V)
3. Input Voltage transient response
VOUT=1.8V (IOUT=10mA)
VOUT=2.0V (IOUT=10mA)
VOUT=3.3V (IOUT=10mA)
VOUT=5.0V (IOUT=10mA)
 



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com