Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B82734R Datasheet(PDF) 4 Page - EPCOS

Part # B82734R
Description  Power line chokes
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B82734R Datasheet(HTML) 4 Page - EPCOS

  B82734R Datasheet HTML 1Page - EPCOS B82734R Datasheet HTML 2Page - EPCOS B82734R Datasheet HTML 3Page - EPCOS B82734R Datasheet HTML 4Page - EPCOS B82734R Datasheet HTML 5Page - EPCOS B82734R Datasheet HTML 6Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
4
01/09
Please read Cautions and warnings and
Important notes at the end of this document.
Characteristics and ordering codes
× = approval granted
IR
A
LR
mH
Lstray,typ
μH
Rtyp
m
Ω
TR
°C
Ordering code
Approvals
Vertical version
Horizontal version
0.7
68
410
1450
60
B82734R2701B030
B82734W2701B030 –
–
1.3
47
250
560
40
B82734R2132B030
B82734W2132B030 ××
1.4
39
210
460
40
B82734R2142B030
B82734W2142B030
××
1.7
27
140
320
40
B82734R2172B030
B82734W2172B030
××
2.0
20
105
240
40
B82734R2202B030
B82734W2202B030 ––
2.3
15
80
185
40
B82734R2232B030
B82734W2232B030
××
2.6
10
53
130
40
B82734R2262B030
B82734W2262B030
××
3.2
6.8
35
85
40
B82734R2322B030
B82734W2322B030
××
4.6
3.3
17
46
40
B82734R2462B030
B82734W2462B030
××
Impedance |Z| versus frequency f
measured with windings in parallel at 20 °C
typical values
Current derating Iop/IR
versus ambient temperature TA
IND0292-V-E
2172B030
2262B030
2462B030
2322B030
2232B030
2142B030
2132B030
10 1
10 2
|
Z
4
3
10
10
5
10
10
Ω
6
Hz
f
4
10
10 56
10
7
10
B82734R/W
2202B030
2701B030
|
IND0242-K-E
0
0
TA
0.2
0.4
0.6
0.8
1.0
1.2
1.4
IR
op
I
R
T
R
T
C
˚
= 40 C
˚
= 60 C
˚
20
40
60
80
100
140
B82734R/W
Power line chokes
Current-compensated D core double chokes



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com