Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RFB0807-220L Datasheet(PDF) 1 Page - Coilcraft lnc.

Part # RFB0807-220L
Description  Power Inductors
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COILCRAFT [Coilcraft lnc.]
Direct Link  http://www.coilcraft.com
Logo COILCRAFT - Coilcraft lnc.

RFB0807-220L Datasheet(HTML) 1 Page - Coilcraft lnc.

  RFB0807-220L Datasheet HTML 1Page - Coilcraft lnc. RFB0807-220L Datasheet HTML 2Page - Coilcraft lnc. RFB0807-220L Datasheet HTML 3Page - Coilcraft lnc. RFB0807-220L Datasheet HTML 4Page - Coilcraft lnc. RFB0807-220L Datasheet HTML 5Page - Coilcraft lnc. RFB0807-220L Datasheet HTML 6Page - Coilcraft lnc. RFB0807-220L Datasheet HTML 7Page - Coilcraft lnc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
© Coilcraft, Inc. 2009
Specifications subject to change without notice.
Please check our website for latest information.
Document 277-1
Document 277-1
Revised 10/22/09
Power Inductors – RFB Series
RFB0807
RFB0810
RFB1010
0.197 ±0.02
5,0 ±0,5
XXX
MARKING
0.37
9,5
dia max
max
0.45
11,5
dia
0.024
0,6
0.157 ±0.02
4,0 ±0,5
0.236 ±0.02
6,0 ±0,5
XXX
MARKING
0.43
11,0
dia max
max
dia
0.45
11,5
0.031
0,8
0.157 ±0.02
4,0 ±0,5
Weight: 1.22 – 1.46 g
Weight: 1.97 – 2.25 g
Weight: 3.04 – 3.32 g
Core material Ferrite
Terminations Tin-silver over tin over copper over steel. Other
terminations available at additional cost.
Ambient temperature –40°C to +85°C with
Irms current, +85°C to
+125°C with derated current
Storage temperature Component: –40°C to +85°C.
Packaging: –40°C to +80°C
Moisture Sensitivity Level (MSL) 1 (unlimited floor life at <30°C /
85% relative humidity)
Failures in Time (FIT) / Mean Time Between Failures (MTBF)
38 per billion hours / 26,315,789 hours, calculated per Telcordia SR-332
Packaging 150 parts per tray; optional fanfold tape
PCB washing Only pure water or alcohol recommended
• Low cost, high current power inductors
• 2.2 µH to 18 mH inductance range
• 500 V isolation from winding to core.
• RFB0810 and RFB1010 have a flame retardant polyolefin
wrap to protect the winding.


Similar Part No. - RFB0807-220L

ManufacturerPart #DatasheetDescription
logo
Coilcraft lnc.
RFB0807-220L COILCRAFT-RFB0807-220L Datasheet
236Kb / 4P
Low cost, high current power inductors 2.2 關H to 18 mH inductance range
More results

Similar Description - RFB0807-220L

ManufacturerPart #DatasheetDescription
logo
Filtran LTD
8401-XXX FILTRAN-8401-XXX Datasheet
21Kb / 1P
Inductors SMT Power Inductors
logo
Sumida Corporation
CDEPI1010 SUMIDA-CDEPI1010 Datasheet
159Kb / 2P
Power Inductors
CDEP105 SUMIDA-CDEP105_06 Datasheet
150Kb / 3P
POWER INDUCTORS
CDBM128 SUMIDA-CDBM128 Datasheet
235Kb / 1P
POWER INDUCTORS
CDBM73MN SUMIDA-CDBM73MN Datasheet
177Kb / 1P
POWER INDUCTORS
CDBM7D28 SUMIDA-CDBM7D28 Datasheet
189Kb / 1P
POWER INDUCTORS
CDBH38D18 SUMIDA-CDBH38D18 Datasheet
62Kb / 1P
POWER INDUCTORS
CDR7D28MN SUMIDA-CDR7D28MN_06 Datasheet
220Kb / 2P
POWER INDUCTORS
CDR6D28MN SUMIDA-CDR6D28MN_07 Datasheet
142Kb / 2P
Power Inductors
CDR6D23MN SUMIDA-CDR6D23MN_06 Datasheet
164Kb / 2P
POWER INDUCTORS
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com