Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74LVC1T45GF Datasheet(PDF) 23 Page - NXP Semiconductors

Part # 74LVC1T45GF
Description  Dual supply translating transceiver; 3-state
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74LVC1T45GF Datasheet(HTML) 23 Page - NXP Semiconductors

Back Button 74LVC1T45GF Datasheet HTML 19Page - NXP Semiconductors 74LVC1T45GF Datasheet HTML 20Page - NXP Semiconductors 74LVC1T45GF Datasheet HTML 21Page - NXP Semiconductors 74LVC1T45GF Datasheet HTML 22Page - NXP Semiconductors 74LVC1T45GF Datasheet HTML 23Page - NXP Semiconductors 74LVC1T45GF Datasheet HTML 24Page - NXP Semiconductors 74LVC1T45GF Datasheet HTML 25Page - NXP Semiconductors 74LVC1T45GF Datasheet HTML 26Page - NXP Semiconductors 74LVC1T45GF Datasheet HTML 27Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 30 page
background image
74LVC_LVCH1T45_2
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 02 — 19 January 2010
23 of 30
NXP Semiconductors
74LVC1T45; 74LVCH1T45
Dual supply translating transceiver; 3-state
14.2 Bidirectional logic level-shifting application
Figure 16 shows the 74LVC1T45; 74LVCH1T45 being used in a bidirectional logic
level-shifting application. Since the device does not have an output enable pin, the system
designer should take precautions to avoid bus contention between system-1 and
system-2 when changing directions.
Table 17 gives a sequence that will illustrate data transmission from system-1 to system-2
and then from system-2 to system-1.
[1]
H = HIGH voltage level;
L = LOW voltage level;
Z = high-impedance OFF-state.
Pull-up or pull-down only needed for 74LVC1T45.
Fig 16. Bidirectional logic level-shifting application
Table 17.
Description bidirectional logic level-shifting application[1]
State
DIR CTRL I/O-1
I/O-2
Description
1
H
output
input
system-1 data to system-2
2
H
Z
Z
system-2 is getting ready to send data to system-1.
I/O-1 and I/O-2 are disabled. The bus-line state
depends on bus hold.
3
L
Z
Z
DIR bit is set LOW. I/O-1 and I/O-2 still are disabled.
The bus-line state depends on bus hold.
4
L
input
output
system-2 data to system-1
001aaj995
74LVC1T45
74LVCH1T45
VCC1
VCC1
VCC2
VCC2
1
2
3
VCC(A)
GND
system-1
system-2
A
6
5
4
VCC(B)
DIR
B
I/O-1
I/O-2
PULL-UP/DOWN
DIR CTRL
PULL-UP/DOWN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com