Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DLD101 Datasheet(PDF) 5 Page - Diodes Incorporated

Part # DLD101
Description  LINEAR MODE CURRENT SINK LED DRIVER
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DLD101 Datasheet(HTML) 5 Page - Diodes Incorporated

  DLD101 Datasheet HTML 1Page - Diodes Incorporated DLD101 Datasheet HTML 2Page - Diodes Incorporated DLD101 Datasheet HTML 3Page - Diodes Incorporated DLD101 Datasheet HTML 4Page - Diodes Incorporated DLD101 Datasheet HTML 5Page - Diodes Incorporated DLD101 Datasheet HTML 6Page - Diodes Incorporated DLD101 Datasheet HTML 7Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
DLD101
Document number: DS32007 Rev. 6 - 2
5 of 7
www.diodes.com
February 2010
© Diodes Incorporated
DLD101
Q2 Typical Performance Curves - continued
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
110
100
I , COLLECTOR CURRENT (mA)
C
Fig. 11 Typical Collector-Emitter Saturation Voltage
vs. Collector Current
I/I = 10
CB
T = -55°C
A
T = 25°C
A
T = 85°C
A
T = 125°C
A
T = 150°C
A
200
Typical Application Circuit
8
7
6
5
1
2
3
4
C
E
B
GD
S
R
C
R
S
Option 1
Option 2
Option 3
LED String
Option 3:
I
LED ≈
V
BE
R
S
Options 1 & 2:
I
LED ≈
1.1 V
BE
R
S
V
Supply
CC
Q2
Q1
V
DS
R2
R1
Option 2:
Capacitor is across R2 for
better noise performance.
The DLD101 has been designed primarily for solid state lighting
applications, to be used as a current sink circuit solution for LEDs. It
features a N-channel MOSFET capable of 1A drive current and a pre-
biased NPN transistor (which allows direct connection to the base, or
via a series base resistor).
Figure 12 shows a typical application circuit diagram for driving an
LED or string of LEDs. Note that the pre-biased transistor (Q2) has
the option of bypassing the series base resistor by connecting directly
to pin 7. The N-MOSFET (Q1) is configured as a VBE referenced
current sink and is biased on by RC. The current passed through the
LED string, MOSFET and source resistor, develops a voltage across
RS that provides a bias to the NPN transistor. Consideration of the
expected linear mode power dissipation must be factored into the
design, with respect to the DLD101's thermal resistance.
VDS = VCC – VF LED String – VRS
PQ1 = VDS * ILED String
PWM dimming functionality can be effected by either driving the NPN
base via an additional resistor (thereby overriding the feedback from
RS) or by pulling the gate of the MOSFET down by direct connection.
The PWM control pulse stream can be provided by a micro-controller
or simple 555 based circuitry.
Fig. 12 Typical Application Circuit for
Linear Mode Current Sink LED Driver



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com