Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B84102K Datasheet(PDF) 4 Page - EPCOS

Part # B84102K
Description  EMC filters
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B84102K Datasheet(HTML) 4 Page - EPCOS

  B84102K Datasheet HTML 1Page - EPCOS B84102K Datasheet HTML 2Page - EPCOS B84102K Datasheet HTML 3Page - EPCOS B84102K Datasheet HTML 4Page - EPCOS B84102K Datasheet HTML 5Page - EPCOS B84102K Datasheet HTML 6Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
2-line filters
B84102K
for general-purpose applications
Insertion loss (typical values at Z = 50
Ω)
unsymmetrical, adjacent branches terminated
differential mode (symmetrical)
B84102K0040
Filters for 1 A
Filters for 2 A
100
SSB1651-W
100
SSB1652-5
dB
dB
α
α
80
80
60
B84102K0030
60
40
40
20
20
0
0
10 4
10 5
10 6
10 7
10 8 Hz 10 9
10 4
10 5
10 6
10 7
10 8 Hz 10 9
f
f
Filters for 4 A
Filters for 6 A
SSB1653-D
SSB1654-L
100
B84102K0050
100
dB
dB
α
α
80
80
60
60
40
40
20
20
0
0
10 4
10 5
10 6
10 7
10 8 Hz 10 9
10 4
10 5
10 6
10 7
10 8 Hz 10 9
f
f
B84102K0160
Please read Cautions and warnings and
Important notes at the end of this document.
01/06
4



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com