Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCP6401RT-E/OT Datasheet(PDF) 25 Page - Microchip Technology

Part # MCP6401RT-E/OT
Description  1 MHz, 45 A Op Amps
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP6401RT-E/OT Datasheet(HTML) 25 Page - Microchip Technology

Back Button MCP6401RT-E/OT Datasheet HTML 20Page - Microchip Technology MCP6401RT-E/OT Datasheet HTML 21Page - Microchip Technology MCP6401RT-E/OT Datasheet HTML 22Page - Microchip Technology MCP6401RT-E/OT Datasheet HTML 23Page - Microchip Technology MCP6401RT-E/OT Datasheet HTML 24Page - Microchip Technology MCP6401RT-E/OT Datasheet HTML 25Page - Microchip Technology MCP6401RT-E/OT Datasheet HTML 26Page - Microchip Technology MCP6401RT-E/OT Datasheet HTML 27Page - Microchip Technology MCP6401RT-E/OT Datasheet HTML 28Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 25 / 28 page
background image
© 2009 Microchip Technology Inc.
DS22229A-page 25
MCP6401/IR/1U
PRODUCT IDENTIFICATION SYSTEM
To order or obtain information, e.g., on pricing or delivery, refer to the factory or the listed sales office
.
Device:
MCP6401T:
Single Op Amp (Tape and Reel)
(SC70-5, SOT-23-5)
MCP6401RT:
Single Op Amp (Tape and Reel)
(SOT-23-5)
MCP6401UT:
Single Op Amp (Tape and Reel)
(SOT-23-5)
Temperature Range:
E
= -40°C to +125°C
Package:
LT
= Plastic Package (SC70), 5-lead
OT = Plastic Small Outline Transistor (SOT-23), 5-lead
PART NO.
X
/XX
Package
Temperature
Range
Device
Examples:
a)
MCP6401T-E/LT:
Tape and Reel,
5LD SC70 pkg
b)
MCP6401T-E/OT:
Tape and Reel,
5LD SOT-23 pkg
c)
MCP6401RT-E/OT:
Tape and Reel,
5LD SOT-23 pkg
d)
MCP6401UT-E/OT:
Tape and Reel,
5LD SOT-23 pkg



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com