Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCP6404-E/SL Datasheet(PDF) 19 Page - Microchip Technology

Part # MCP6404-E/SL
Description  1 MHz, 45 A Op Amps
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP6404-E/SL Datasheet(HTML) 19 Page - Microchip Technology

Back Button MCP6404-E/SL Datasheet HTML 15Page - Microchip Technology MCP6404-E/SL Datasheet HTML 16Page - Microchip Technology MCP6404-E/SL Datasheet HTML 17Page - Microchip Technology MCP6404-E/SL Datasheet HTML 18Page - Microchip Technology MCP6404-E/SL Datasheet HTML 19Page - Microchip Technology MCP6404-E/SL Datasheet HTML 20Page - Microchip Technology MCP6404-E/SL Datasheet HTML 21Page - Microchip Technology MCP6404-E/SL Datasheet HTML 22Page - Microchip Technology MCP6404-E/SL Datasheet HTML 23Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 28 page
background image
© 2009 Microchip Technology Inc.
DS22229A-page 19
MCP6401/1R/1U
6.0
PACKAGING INFORMATION
6.1
Package Marking Information
5-Lead SC70
(MCP6401 only)
Example:
Legend: XX...X
Customer-specific information
Y
Year code (last digit of calendar year)
YY
Year code (last 2 digits of calendar year)
WW
Week code (week of January 1 is week ‘01’)
NNN
Alphanumeric traceability code
Pb-free JEDEC designator for Matte Tin (Sn)
*
This package is Pb-free. The Pb-free JEDEC designator (
)
can be found on the outer packaging for this package.
Note:
In the event the full Microchip part number cannot be marked on one line, it will
be carried over to the next line, thus limiting the number of available
characters for customer-specific information.
3
e
3
e
Example:
5-Lead SOT-23
XXNN
BL25
XXNN
NL25
Part Number
Code
MCP6401T-E/OT
NLNN
MCP6401RT-E/OT
NMNN
MCP6401UT-E/OT
NPNN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com