Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCP6402-E/ST Datasheet(PDF) 11 Page - Microchip Technology

Part # MCP6402-E/ST
Description  1 MHz, 45 A Op Amps
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP6402-E/ST Datasheet(HTML) 11 Page - Microchip Technology

Back Button MCP6402-E/ST Datasheet HTML 7Page - Microchip Technology MCP6402-E/ST Datasheet HTML 8Page - Microchip Technology MCP6402-E/ST Datasheet HTML 9Page - Microchip Technology MCP6402-E/ST Datasheet HTML 10Page - Microchip Technology MCP6402-E/ST Datasheet HTML 11Page - Microchip Technology MCP6402-E/ST Datasheet HTML 12Page - Microchip Technology MCP6402-E/ST Datasheet HTML 13Page - Microchip Technology MCP6402-E/ST Datasheet HTML 14Page - Microchip Technology MCP6402-E/ST Datasheet HTML 15Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 28 page
background image
© 2009 Microchip Technology Inc.
DS22229A-page 11
MCP6401/1R/1U
3.0
PIN DESCRIPTIONS
Descriptions of the pins are listed in Table 3-1.
TABLE 3-1:
PIN FUNCTION TABLE
3.1
Analog Output (VOUT)
The output pin is low-impedance voltage source.
3.2
Analog Inputs (VIN+, VIN-)
The non-inverting and inverting inputs are high-
impedance CMOS inputs with low bias currents.
3.3
Power Supply Pin (VDD, VSS)
The positive power supply (VDD) is 1.8V to 6.0V higher
than the negative power supply (VSS). For normal
operation, the other pins are at voltages between VSS
and VDD.
Typically, these parts are used in a single (positive)
supply configuration. In this case, VSS is connected to
ground and VDD is connected to the supply. VDD will
need bypass capacitors.
MCP6401
MCP6401R
MCP6401U
Symbol
Description
SC70-5,
SOT-23-5
SOT-23-5
SOT-23-5
11
4
VOUT
Analog Output
25
2
VSS
Negative Power Supply
3
31VIN+
Non-inverting Input
44
3
VIN–
Inverting Input
52
5
VDD
Positive Power Supply



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com