Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B84131 Datasheet(PDF) 5 Page - EPCOS

Part # B84131
Description  EMC filters
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B84131 Datasheet(HTML) 5 Page - EPCOS

  B84131 Datasheet HTML 1Page - EPCOS B84131 Datasheet HTML 2Page - EPCOS B84131 Datasheet HTML 3Page - EPCOS B84131 Datasheet HTML 4Page - EPCOS B84131 Datasheet HTML 5Page - EPCOS B84131 Datasheet HTML 6Page - EPCOS B84131 Datasheet HTML 7Page - EPCOS B84131 Datasheet HTML 8Page - EPCOS B84131 Datasheet HTML 9Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
4-line filters
B84131
for installations and systems
B84131M0001G125, B84131M0001G135/H135 (25 A, 35 A)
23
149
104
15
52.5±0.8
44±0.2
M6 and/or
10-32 UNF
75±0.3
15.1
24.6 24.6 24.6
52
M5 x 6
1)
1) Also suitable for screws with 10-32 UNF thread
14.5
SSB0321-L-E
Type
B84131M0001
IR
A
Screw thread
Tightening torque
Nm
G125
25
M6
3
G135
35
M6
3
H135
35
10-32 UNF
2
B84131M0002G150, B84131M0002G163 (50 A, 63 A)
Screw thread M6
Tightening
23
141
M5 x 6
48.5
44±0.2
1)
torque 3 Nm
131
65.5
28.6 24.6 24.6 24.6
13
105±0.3
1) Also suitable for screws with 10-32 UNF thread
SSB0322-U-E
Please read Cautions and warnings and
Important notes at the end of this document.
01/06
5



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com