Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACE2302 Datasheet(PDF) 3 Page - ACE Technology Co., LTD.

Part # ACE2302
Description  N-Channel Enhancement Mode MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE2302 Datasheet(HTML) 3 Page - ACE Technology Co., LTD.

  ACE2302 Datasheet HTML 1Page - ACE Technology Co., LTD. ACE2302 Datasheet HTML 2Page - ACE Technology Co., LTD. ACE2302 Datasheet HTML 3Page - ACE Technology Co., LTD. ACE2302 Datasheet HTML 4Page - ACE Technology Co., LTD. ACE2302 Datasheet HTML 5Page - ACE Technology Co., LTD. ACE2302 Datasheet HTML 6Page - ACE Technology Co., LTD. ACE2302 Datasheet HTML 7Page - ACE Technology Co., LTD.  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
 
                                                                                                                    
ACE2302
                        Technology
N-Channel Enhancement Mode MOSFET
VER 1.2
3
Diode Forward Voltage
VSD
IS=1.6A, VGS=0V
0.85
1.2
V
Dynamic
Total Gate Charge
Qg
5.4
10
Gate-Source Charge
Qgs
0.65
Gate-Drain Charge
Qgd
VDS=10V, VGS=4.5V, ID=3.6A
1.4
nC
Input Capacitance
Ciss
340
Output Capacitance
Coss
115
Reverse Transfer
Capacitance
Crss
VDS=10V, VGS=0V, f=1MHz
33
pF
td(on)
12
25
Turn-On Time
tr
36
60
td(off)
34
60
Turn-Off Time
tf
VDD=10V, RL=5.5Ω, ID=3.6A, VGEN=4.5V,
RG=6Ω
10
25
nS
Typical Performance Characteristics
Output Characteristics
Transfer Characteristics
VDS-Drain-to-Source Voltage (V)
VGS-Gate-to-Source Voltage (V)
On-Resistance vs. Drain Current
Capacitance
ID-Drain Current (A)
VDS-Drain-to-Source Voltage (V)



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com