Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACE5372TM+H Datasheet(PDF) 11 Page - ACE Technology Co., LTD.

Part # ACE5372TM+H
Description  Low Power Real-Time Clock (RTC)
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE5372TM+H Datasheet(HTML) 11 Page - ACE Technology Co., LTD.

Back Button ACE5372TM+H Datasheet HTML 7Page - ACE Technology Co., LTD. ACE5372TM+H Datasheet HTML 8Page - ACE Technology Co., LTD. ACE5372TM+H Datasheet HTML 9Page - ACE Technology Co., LTD. ACE5372TM+H Datasheet HTML 10Page - ACE Technology Co., LTD. ACE5372TM+H Datasheet HTML 11Page - ACE Technology Co., LTD. ACE5372TM+H Datasheet HTML 12Page - ACE Technology Co., LTD. ACE5372TM+H Datasheet HTML 13Page - ACE Technology Co., LTD. ACE5372TM+H Datasheet HTML 14Page - ACE Technology Co., LTD. ACE5372TM+H Datasheet HTML 15Page - ACE Technology Co., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 29 page
background image
 
                                                                                                                  
ACE5372
                        Technology
Low Power Real-Time Clock (RTC)
VER 1.2
11
In the 2Hz clock pulse mode, 0.496s clock pulses and 0.504s clock pulses are output alternatively.
Duty cycle for 1Hz clock pulses becomes 50.4%.
2) Level mode: One second, one minute or one month may be selected for an interrupt cycle. Counting up
of seconds is matched with falling edge of interrupt output.
3) When the time trimming circuit is used, periodic interrupt cycle changes every 20 seconds.
Pulse mode:“L” duration of output pulses may change in the maximum range of ±3.784ms (±3.875ms
when 32KHz crystal is used).
For example, Duty will be 50±0.3784% (or 50±0.3875% when 32KHz crystal is used) at 1Hz.
Level Mode: Frequency is one second may change in the maximum range of ±3.784ms (±3.875ms
when 32KHz crystal is used).
Relation Between Mode Waveforms and CRFG Bit
Pulse mode
Level mode
7. Control Register 2 ( at internal address FH )
D7
D6
D5
D4
D3
D2
D1
D0
Operation
-
-
12_/24
ADJ
CLEN_
CTFG
AAFG
BAFG
Write
0
0
12_/24
XSTP
CLEN_
CTFG
AAFG
BAFG
Read
0
0
Undefined
1
0
0
0
0
Default
*The default means read value when XSTP bit is set to “1” by starting up from 0V, or supply voltage drop, etc.
⎯12/24
⎯12/24-hour Time Display System Selection bit
⎯12/24
Description
0
12-hour time display system
1
24-hour time display system
Being set this bit at “0” indicates 12-hour display system while “1” indicates 24-hour system.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com