Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HSPPAR Datasheet(PDF) 1 Page - ALPS ELECTRIC CO.,LTD.

Part # HSPPAR
Description  MEMS Pressure Sensor
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPS [ALPS ELECTRIC CO.,LTD.]
Direct Link  http://www.alps.com
Logo ALPS - ALPS ELECTRIC CO.,LTD.

HSPPAR Datasheet(HTML) 1 Page - ALPS ELECTRIC CO.,LTD.

  HSPPAR Datasheet HTML 1Page - ALPS ELECTRIC CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
17
Magnetic
Sensor
Piezo
Sensor
Resistive
Sensor
MEMS Pressure Sensor
HSPP
□ Series
Small size pressure sensor with growing applications.
Piezo resistance type pressure sensor.
Small and low profile(
□2.5mm × t0.7mm).
Features a lineup consisting of a single element, compact
type and a built-in amplifier high-output type.
●
●
●
Features
For pressure and altitude detection of portable navigation
devices, mobile phones, pedometers, etc.
●
Applications
Style
Dimensions
Unit:mm
Piezo Sensor
Output voltage/110kPa(mV)
Span voltage(mV)
Function
Size
Operating pressure(kPa)
Operating temperature
(℃)
Supply current(mA)
・Voltage(V)
Typical Specifications
Items
HSPPAR
Specifications
Small and low profile
2.5
2.5
0.7mm
50 to 110
-20 to +85
Icc= 0.55mA
44
HSPPAA
with amplifier
3.5
3.5
1.0mm
Pressure type
Absolute pressure
Vdd= 2.5
0.125V
870
79
1600
Output voltage/101.3kPa(mV)
(72.6)(1474)
Temperature characteristics of
offset voltage(%FS)
-4to+6
Temperature characteristics of
span voltage(%FS)
-4to+4
Bridge resistance(
kΩ)
5to7
−
Output impedance(
kΩ)
−
7to13
3.5
1.0 max.
0.1
0.9
1.5
2.5
0.7 max.
0.5 1.22
Compact type HSPPAR
Type with amplifier HSPPAA


Similar Part No. - HSPPAR

ManufacturerPart #DatasheetDescription
logo
ALPS ELECTRIC CO.,LTD.
HSPPAR003D ALPS-HSPPAR003D Datasheet
379Kb / 7P
Pressure Sensor
More results

Similar Description - HSPPAR

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
D6F-P0010A OMRON-D6F-P0010A Datasheet
405Kb / 5P
MEMS Flow Sensor
2SMPP OMRON-2SMPP Datasheet
357Kb / 8P
MEMS Gauge Pressure Sensor
logo
STMicroelectronics
LPS331AP STMICROELECTRONICS-LPS331AP Datasheet
447Kb / 36P
MEMS pressure sensor: 260-1260 mbar absolute digital output barometer
29-Mar-2012
LPS331APY STMICROELECTRONICS-LPS331APY Datasheet
1Mb / 2P
high-resolution MEMS pressure sensor
Sep-2012
logo
Omron Electronics LLC
2SMPP OMRON-2SMPP_11 Datasheet
503Kb / 10P
MEMS Gauge Pressure Sensor
D6F-PH OMRON-D6F-PH Datasheet
333Kb / 6P
MEMS Differential Pressure Sensor
logo
STMicroelectronics
LPS001WP STMICROELECTRONICS-LPS001WP Datasheet
377Kb / 30P
MEMS pressure sensor 300-1100 mbar absolute digital output barometer
05-Nov-2010
LPS25HB STMICROELECTRONICS-LPS25HB Datasheet
1Mb / 40P
MEMS pressure sensor: 260-1260 hPa absolute digital output barometer
21-May-2015
logo
ES Systems
ESCP-BMS1 ES-ESCP-BMS1 Datasheet
1Mb / 23P
MEMS Capacitive Pressure & Temperature Sensor for gases.
ESCP-MIS1 ES-ESCP-MIS1 Datasheet
1Mb / 19P
MEMS Capacitive Pressure & Temperature Sensor for gases & liquids.
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com