Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACE301C13TO+ Datasheet(PDF) 2 Page - ACE Technology Co., LTD.

Part # ACE301C13TO+
Description  High-precision Low Voltage Detector
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE301C13TO+ Datasheet(HTML) 2 Page - ACE Technology Co., LTD.

  ACE301C13TO+ Datasheet HTML 1Page - ACE Technology Co., LTD. ACE301C13TO+ Datasheet HTML 2Page - ACE Technology Co., LTD. ACE301C13TO+ Datasheet HTML 3Page - ACE Technology Co., LTD. ACE301C13TO+ Datasheet HTML 4Page - ACE Technology Co., LTD. ACE301C13TO+ Datasheet HTML 5Page - ACE Technology Co., LTD. ACE301C13TO+ Datasheet HTML 6Page - ACE Technology Co., LTD. ACE301C13TO+ Datasheet HTML 7Page - ACE Technology Co., LTD. ACE301C13TO+ Datasheet HTML 8Page - ACE Technology Co., LTD. ACE301C13TO+ Datasheet HTML 9Page - ACE Technology Co., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
 
                                                                                                                     
ACE301
                        Technology
High-precision Low Voltage Detector
VER 1.3
2
Packaging Type
SOT-23-3
SOT-89-3
SOT-23-5
TO-92
3
5
4
1
2
1
2
3
1
2
3
1 2 3
Ordering information
Selection Guide
ACE301 X XX XX
+
H
Pin number
SOT-23-3
SOT-89-3
SOT-23-5
TO-92
Pin
name
Description
1
1
1
3
VOUT
Voltage detection output Pin
3
2
2
1
VDD
Voltage input Pin
2
3
3
2
VSS
GND Pin
4
NC
No connection
5
NC
No connection
Detector Voltage
0.9V ~ 6.0V
Pb - free
Halogen - free
Output type
N: Nch
C: CMOS
BM: SOT-23-3
BN: SOT-23-5
AM: SOT-89-3
EP: TO-92



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com