Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RK09K Datasheet(PDF) 3 Page - ALPS ELECTRIC CO.,LTD.

Part # RK09K
Description  9mm Size Insulated Shaft Snap-in Type
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPS [ALPS ELECTRIC CO.,LTD.]
Direct Link  http://www.alps.com
Logo ALPS - ALPS ELECTRIC CO.,LTD.

RK09K Datasheet(HTML) 3 Page - ALPS ELECTRIC CO.,LTD.

  RK09K Datasheet HTML 1Page - ALPS ELECTRIC CO.,LTD. RK09K Datasheet HTML 2Page - ALPS ELECTRIC CO.,LTD. RK09K Datasheet HTML 3Page - ALPS ELECTRIC CO.,LTD. RK09K Datasheet HTML 4Page - ALPS ELECTRIC CO.,LTD. RK09K Datasheet HTML 5Page - ALPS ELECTRIC CO.,LTD. RK09K Datasheet HTML 6Page - ALPS ELECTRIC CO.,LTD. RK09K Datasheet HTML 7Page - ALPS ELECTRIC CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
370
Metal
Shaft
Insulated
Shaft
Knob
Operating
Slide
Potentiometers
Rotary
Potentiometers
9mm Size Insulated Shaft Snap-in Type
RK09K/RK09D Series
Insulated Shaft Potentiometer
Dimensions
No.
Photo
Style
PC board mounting
hole dimensions
(Viewed from mounting side)
Unit:mm
5
6
7
8
Vertical type
RK09K113
6.8
0.8
40゚
20
9.8
7.4
0.8
1 2 3
7
5.9
2
2.4
(1.6)
3
2
1
7.4
0.8
9.8
50°
LM1
0.8
6.8
5.9
2
2.4
R1
R1
7
6
20
15
LM1
3
1
9.8
2
40゚
LM1
(0.8)
(6.8)
R1
7
7
6
30
20
15
LM1
3.8
3.2
R1
Mounting surface
(The edge of the frame)
3.3
T
=1.6
2.1
3-ø
1 holes
3
2
1
3.3
2.1
3-ø
1 holes
3
2
1
T
=1.6
3-ø1 h
oles
2.5
1.8
5
10.6
10.6
1.8
2.5
5
3–ø1
holes
Horizontal type
RK09K111
Horizontal type
RK09K111
Single-shaft, single-unit
Teriminal Layout/Circuit Diagram
Single-unit
3
2
1
12
3
Vertical type
RK09K113
7
6
20
15
LM1
R1
R1
LM1
9.8
12 3
3.2
3.8
(6.8)(0.8)
Mounting surface
(The edge of the frame)
Shaft shown in
full CCW position.
40゚



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com