Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RK097 Datasheet(PDF) 2 Page - ALPS ELECTRIC CO.,LTD.

Part # RK097
Description  9mm Size Metal Shaft Multi-ganged Type
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPS [ALPS ELECTRIC CO.,LTD.]
Direct Link  http://www.alps.com
Logo ALPS - ALPS ELECTRIC CO.,LTD.

RK097 Datasheet(HTML) 2 Page - ALPS ELECTRIC CO.,LTD.

  RK097 Datasheet HTML 1Page - ALPS ELECTRIC CO.,LTD. RK097 Datasheet HTML 2Page - ALPS ELECTRIC CO.,LTD. RK097 Datasheet HTML 3Page - ALPS ELECTRIC CO.,LTD. RK097 Datasheet HTML 4Page - ALPS ELECTRIC CO.,LTD. RK097 Datasheet HTML 5Page - ALPS ELECTRIC CO.,LTD. RK097 Datasheet HTML 6Page - ALPS ELECTRIC CO.,LTD. RK097 Datasheet HTML 7Page - ALPS ELECTRIC CO.,LTD. RK097 Datasheet HTML 8Page - ALPS ELECTRIC CO.,LTD. RK097 Datasheet HTML 9Page - ALPS ELECTRIC CO.,LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
328
Metal
Shaft
Insulated
Shaft
Knob
Operating
Slide
Potentiometers
Rotary
Potentiometers
Products other than those listed in above products are also available. Please contact us for details.
Note
Single-shaft momentary push
(0.5mm travel)switch type
Single-shaft push-on push-off switch type
Single-shaft with rotary switch type
Product Line
Single-shaft without switch type
Number of
resistor elements
Mounting
direction
Shaft
type
Length
of the shaft
(mm)
Center
detent
Total
resistance
(kΩ)
Resistance
taper
Products No.
Minimum
order unit
(pcs.)
Drawing
No.
Dual-unit
for tone
Dual-unit
for vol.
Horizontal
type
Flat
20
25
15
20
With
Without
20
50
1B
1B
RK0971210Z2M
RK09712100AV
RK0971210097
RK09712200MC
RK09712200MY
RK09712200HA
RK097122008T
RK09712200MT
800
1,200
800
2
10
15A
3B
15A
15A
3B
20
Number of
resistor elements
Mounting
direction
Shaft
type
Length
of the shaft
(mm)
Center
detent
Total
resistance
(kΩ)
Resistance
taper
Products No.
Minimum
order unit
(pcs.)
Drawing
No.
Single-unit
Dual-unit
for vol.
Horizontal
type
Flat
15
20
15
20
Without
20
50
15A
1B
RK0971111Z0P
RK0971111Z32
RK09711110AL
RK09711110EL
RK0971221Z05
RK0971221Z11
700
3
4
10
3B
20
Number of
resistor elements
Mounting
direction
Shaft
type
Length
of the shaft
(mm)
Center
detent
Total
resistance
(kΩ)
Resistance
taper
Products No.
Minimum
order unit
(pcs.)
Drawing
No.
Single-unit
Dual-unit
for tone
Horizontal
type
Flat
20
25
15
20
Without
10
15A
1B
RK097111201V
RK097111202P
RK097111202Q
RK097121200C
RK097122200G
700
600
5
6
15A
Number of
resistor elements
Mounting
direction
Shaft
type
Length
of the shaft
(mm)
Center
detent
Total
resistance
(kΩ)
Resistance
taper
Products No.
Minimum
order unit
(pcs.)
Drawing
No.
Single-unit
Dual-unit
for tone
Dual-unit
for vol.
Horizontal
type
Flat
15
20
With
Without
10
3B
1B
15A
RK0971114D0B
RK0971214Z06
RK0971224Z01
700
7
8
3B
50
9mm Size Metal Shaft Multi-ganged Type
RK097/RK098 Series
Refer to P.333, 334, 335 for product varieties.
Metal Shaft Potentiometer



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com