Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RK50 Datasheet(PDF) 2 Page - ALPS ELECTRIC CO.,LTD.

Part # RK50
Description  50mm Size Metal Shaft High-quality-audio Type
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPS [ALPS ELECTRIC CO.,LTD.]
Direct Link  http://www.alps.com
Logo ALPS - ALPS ELECTRIC CO.,LTD.

RK50 Datasheet(HTML) 2 Page - ALPS ELECTRIC CO.,LTD.

  RK50 Datasheet HTML 1Page - ALPS ELECTRIC CO.,LTD. RK50 Datasheet HTML 2Page - ALPS ELECTRIC CO.,LTD. RK50 Datasheet HTML 3Page - ALPS ELECTRIC CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
359
Metal
Shaft
Insulated
Shaft
Knob
Operating
Slide
Potentiometers
Rotary
Potentiometers
50mm Size Metal Shaft Type Potentiometer
Product Varieties
In addition to the recommended products, the following specifications can also be accommodated.
Total Resistance Variety
Total resistance
(kΩ)
10
20
50
100
250
Resistance Taper
Resistance taper
15A
3B
Dimensions of Shaft
Slotted type
L1
1.6
10
M12G0.75
C0.5
Not specified slotting angle
L1
20
25
30
40
Unit:mm
marked are specifications recommended by ALPS.
Note
Refer to P.502 for resistance taper.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com