Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCF8883T Datasheet(PDF) 16 Page - NXP Semiconductors

Part # PCF8883T
Description  Capacitive proximity switch with auto-calibration, large voltage operating range and very low power consumption
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF8883T Datasheet(HTML) 16 Page - NXP Semiconductors

Back Button PCF8883T Datasheet HTML 12Page - NXP Semiconductors PCF8883T Datasheet HTML 13Page - NXP Semiconductors PCF8883T Datasheet HTML 14Page - NXP Semiconductors PCF8883T Datasheet HTML 15Page - NXP Semiconductors PCF8883T Datasheet HTML 16Page - NXP Semiconductors PCF8883T Datasheet HTML 17Page - NXP Semiconductors PCF8883T Datasheet HTML 18Page - NXP Semiconductors PCF8883T Datasheet HTML 19Page - NXP Semiconductors PCF8883T Datasheet HTML 20Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 24 page
background image
PCF8883_1
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 01 — 16 October 2009
16 of 24
NXP Semiconductors
PCF8883
Capacitive proximity switch with auto-calibration
13. Application information
Figure 15 shows the typical connections for a general application3. The positive supply is
connected to pin VDD. It is recommended to connect smoothing capacitors to ground to
both VDD and VDD(INTREGD) (values for Cdec, see Table 5).
The sampling rate is determined by the capacitance CCLIN on pin CLIN. A higher sampling
rate reduces the reaction time and increases the current consumption.
The sensing plate capacitance CSENS may consist of a small metal area, for example
behind an isolating layer. The sensing plate can be connected to a coaxial cable (CCABLE)
which in turn is connected to the input pin IN. Alternatively, the sensing plate can be
directly connected to the input pin IN. An internal low pass filter is used to reduce RF
interference. An additional low pass filter consisting of a resistor RF and capacitor CF can
be added to the input to further improve RF immunity as required. For good performance,
the total amount of capacitance on the input (CSENS +CCABLE +CF) should be in the
proper range, the optimum point being around 30 pF. These conditions allow the control
loop to adapt to the static capacitance on CSENS and to compensate for slow changes in
the sensing plate capacitance. A higher capacitive input loading is possible provided that
an additional discharge resistor RC is placed as shown in Figure 15. Resistor RC simply
reduces the discharge time such that the internal timing requirements are fulfilled.
3.
For further information see Ref. 2 “AN10832”. Information about the appropriate evaluation board can be found in Ref. 11
“UM10370”.
CSENS = sensing plate capacitance.
The coaxial cable is optional.
Fig 15. Typical application
VDD
VDD(INTREGD)
OUT
TYPE
CLIN
VSS
IN
CF
CSENS
RF
RC
PCF8883
VDD(INTREGD)
Push-
button
Pulse
Toggle
CPC
013aaa079
COAXIAL CABLE
SENSING PLATE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com