Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SE97TP Datasheet(PDF) 32 Page - NXP Semiconductors

Part # SE97TP
Description  DDR memory module temp sensor with integrated SPD, 3.3 V
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SE97TP Datasheet(HTML) 32 Page - NXP Semiconductors

Back Button SE97TP Datasheet HTML 28Page - NXP Semiconductors SE97TP Datasheet HTML 29Page - NXP Semiconductors SE97TP Datasheet HTML 30Page - NXP Semiconductors SE97TP Datasheet HTML 31Page - NXP Semiconductors SE97TP Datasheet HTML 32Page - NXP Semiconductors SE97TP Datasheet HTML 33Page - NXP Semiconductors SE97TP Datasheet HTML 34Page - NXP Semiconductors SE97TP Datasheet HTML 35Page - NXP Semiconductors SE97TP Datasheet HTML 36Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 55 page
background image
SE97_7
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 07 — 29 January 2010
32 of 55
NXP Semiconductors
SE97
DDR memory module temp sensor with integrated SPD, 3.3 V
8.6 Temperature register (16-bit read-only)
Table 21.
Temperature register bit allocation
Bit
15
14
13
12
11
10
9
8
Symbol
ACT
AAW
BAW
SIGN
TEMP
Default
00
00
00
00
Access
RR
RR
RR
RR
Bit
7
6
5
4
3
2
1
0
Symbol
TEMP
RFU
Default
00
00
00
00
Access
RR
RR
RR
RR
Table 22.
Temperature register bit description
Bit
Symbol
Description
15
ACT
Above Critical Trip.
Increasing Tamb:
0 — Tamb <Tth(crit)
1 — Tamb ≥ Tth(crit)
Decreasing Tamb:
0 — Tamb <Tth(crit) − Thys
1 — Tamb ≥ Tth(crit) − Thys
14
AAW
Above Alarm Window.
Increasing Tamb:
0 — Tamb ≤ Ttrip(u)
1 — Tamb >Ttrip(u)
Decreasing Tamb:
0 — Tamb ≤ Ttrip(u) − Thys
1 — Tamb >Ttrip(u) − Thys
13
BAW
Below Alarm Window.
Increasing Tamb:
0 — Tamb ≥ Ttrip(l)
1 — Tamb <Ttrip(l)
Decreasing Tamb:
0 — Tamb ≥ Ttrip(l) − Thys
1 — Tamb <Ttrip(l) − Thys
12
SIGN
Sign bit.
0 — positive temperature value
1 — negative temperature value
11:1
TEMP
Temperature Value (2’s complement). (LSB = 0.125
°C)
0
RFU
reserved; always ‘0’



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com