Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA8024 Datasheet(PDF) 22 Page - NXP Semiconductors

Part # TDA8024
Description  IC card interface
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

TDA8024 Datasheet(HTML) 22 Page - NXP Semiconductors

Back Button TDA8024 Datasheet HTML 18Page - NXP Semiconductors TDA8024 Datasheet HTML 19Page - NXP Semiconductors TDA8024 Datasheet HTML 20Page - NXP Semiconductors TDA8024 Datasheet HTML 21Page - NXP Semiconductors TDA8024 Datasheet HTML 22Page - NXP Semiconductors TDA8024 Datasheet HTML 23Page - NXP Semiconductors TDA8024 Datasheet HTML 24Page - NXP Semiconductors TDA8024 Datasheet HTML 25Page - NXP Semiconductors TDA8024 Datasheet HTML 26Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 29 page
background image
2004 July 12
22
Philips Semiconductors
Product specification
IC card interface
TDA8024
Notes
1. All parameters remain within limits but are tested only statistically for the temperature range. When a parameter is
specified as a function of VDD or VCC it means their actual value at the moment of measurement.
2. If no external bridge is used then, to avoid any disturbance, it is recommended to connect pin 18 to ground. Pin 18
is not connected in the TDA8024AT
3. To meet these specifications, pin VCC should be decoupled to CGND using two ceramic multilayer capacitors of low
ESR both with values of 100 nF, or one 100 nF and one 220 nF (see Fig.13).
4. Permitted capacitor values are 100, or 100 + 100, or 220, or 220 + 100, or 330 nF.
5. Transition time and duty factor definitions are shown in Fig.12;
6. Pin CMDVCC is active LOW; pin RSTIN is active HIGH; for CLKDIV1 and CLKDIV2 functions see Table 1.
7. Pin PRES is active LOW; pin PRES is active HIGH; PRES has an integrated 1.25
µA current source to GND
(PRES to VDD); the card is considered present if at least one of the inputs PRES or PRES is active.
δ
t
1
t
1
t
2
+
---------------
=
handbook, full pagewidth
MDB058
10%
90%
90%
10%
tr
tf
t1
t2
VOH
VOH + VOL
2
VOL
Fig.12 Definition of output and input transition times.
13 APPLICATION INFORMATION
Performance can be affected by the layout of the
application. For example, an additional cross-capacitance
of 1 pF between card reader contacts C2 and C3 or C2
and C7 can cause contact C2 to be polluted with high
frequency noise from C3 (or C7). In this case, include a
100 pF capacitor between contacts C2 and CGND.
Application recommendations:
• Ensure there is ample ground area around the TDA8024
and the connector; place the TDA8024 very near to the
connector; decouple the VDD and VDDP lines (these lines
are best positioned under the connector)
• The TDA8024 and the microcontroller must use the
same VDD supply. Pins CLKDIV1, CLKDIV2, RSTIN,
PRES, PRES, AUX1UC, I/OUC, AUX2UC, 5V/3V,
CMDVCC, and OFF are referred to VDD; if pin XTAL1 is
to be driven by an external clock, also refer this pin to
VDD
• Track C3 should be placed as far as possible from the
other tracks
• The track connecting CGND to C5 should be straight
(the two capacitors on C1 should be connected to this
ground track)
• Avoid ground loops between CGND, PGND and GND
• Decouple VDDP and VDD separately; if the two supplies
are the same in the application, then they should be
connected in star on the main track.
With all these layout precautions, noise should be kept to
an acceptable level and jitter on C3 should be less than
100 ps.
Reference layouts are provided in
“Application
note 10141”, available on request.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com