Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SCDA7A0101 Datasheet(PDF) 1 Page - ALPS ELECTRIC CO.,LTD.

Part # SCDA7A0101
Description  Connector for SD Memory Card
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPS [ALPS ELECTRIC CO.,LTD.]
Direct Link  http://www.alps.com
Logo ALPS - ALPS ELECTRIC CO.,LTD.

SCDA7A0101 Datasheet(HTML) 1 Page - ALPS ELECTRIC CO.,LTD.

  SCDA7A0101 Datasheet HTML 1Page - ALPS ELECTRIC CO.,LTD. SCDA7A0101 Datasheet HTML 2Page - ALPS ELECTRIC CO.,LTD. SCDA7A0101 Datasheet HTML 3Page - ALPS ELECTRIC CO.,LTD. SCDA7A0101 Datasheet HTML 4Page - ALPS ELECTRIC CO.,LTD. SCDA7A0101 Datasheet HTML 5Page - ALPS ELECTRIC CO.,LTD. SCDA7A0101 Datasheet HTML 6Page - ALPS ELECTRIC CO.,LTD. SCDA7A0101 Datasheet HTML 7Page - ALPS ELECTRIC CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
10
For
SD Memory
Card
For
microSD™
Card
For
SIM Card
8pins
For
W-SIM
For
Memory
Stick™
For
Memory
Stick Micro™
Combine Type
For
Express
Card™
For
Compact
Flash™
For PC cards
supporting
CardBus
For CMOS
Camera Module
Compact low-profile type with a width of 27mm features high reliability contact
structure.
Media half-lock structure stops media from flying out during
ejection, preventing the dropping and loss of media.
Media detection switch adopts a highly reliable structure
where the contact slides at ON/OFF to ensure detection of
media insertion timing.
Also compatible to MultiMediaCard™.
Compact size and low-profile.
●
●
●
●
Features
For digital still cameras, digital camcorders, mobile phones,
PCs and personal digital assistants
For home audio equipment (TVs, set top boxes, etc.)
For stereo systems
For portable memory players
●
●
●
●
Applications
SD Memory Card/MultiMediaCard™
Standard mount/Reverse mount
Surface mounting type
Push-push type/Manual insertion/removal
100V AC 1minute/500V AC 1minute
(SCDA3)
Applicable media
Structure
Items
Specifications
Media ejection
structure
Mounting type
Mounting style
−25℃ to +60℃
1,000M
Ω min.
100m
Ω max.
500m
Ω max.
10,000cycles
Operating
temperature range
Performance
Contact
resistance
(Initial)
Connector
contacts
Detection
switch
Insertion and
removal cycle
Voltage proof
Insulation
resistance
(Initial)
Typical Specifications
Connector for SD Memory Card
SCDA Series


Similar Part No. - SCDA7A0101

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SCDA05 SEMTECH-SCDA05 Datasheet
69Kb / 2P
STANDARD RECOVERY DOUBLER AND CENTER TAPS
SCDA05F SEMTECH-SCDA05F Datasheet
66Kb / 2P
FAST RECOVERY DOUBLER AND CENTER TAPS
SCDA05FF SEMTECH-SCDA05FF Datasheet
66Kb / 2P
SUPERFAST RECOVERY DOUBLER AND CENTER TAPS
SCDA1 SEMTECH-SCDA1 Datasheet
69Kb / 2P
STANDARD RECOVERY DOUBLER AND CENTER TAPS
SCDA10FF SEMTECH-SCDA10FF Datasheet
66Kb / 2P
SUPERFAST RECOVERY DOUBLER AND CENTER TAPS
More results

Similar Description - SCDA7A0101

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
DM1AA-SF-PEJ HIROSE-DM1AA-SF-PEJ Datasheet
259Kb / 6P
SD Memory Card Connectors
logo
Mitsumi Electronics, Co...
CIM-F22 MITSUMI-CIM-F22 Datasheet
192Kb / 2P
SD Memory Card Connectors
CIM-F23 MITSUMI-CIM-F23 Datasheet
165Kb / 2P
SD Memory Card Connectors
logo
ALPS ELECTRIC CO.,LTD.
SCDB ALPS-SCDB Datasheet
136Kb / 3P
Combine Type Connector (for SD Memory Card, MultiMediaCard?? Memory Stick??
SCDE ALPS-SCDE Datasheet
167Kb / 3P
Combine Type Connector (for SD Memory Card, MultiMediaCard?? Memory Stick?? xD-Picture Card??
logo
Toshiba Semiconductor
T3GF3WBG TOSHIBA-T3GF3WBG Datasheet
255Kb / 13P
Dual-Supply Bus Transceiver for SD Memory Card
logo
List of Unclassifed Man...
SFSD1024NGBW1MT-T-ME ETC2-SFSD1024NGBW1MT-T-ME Datasheet
1Mb / 23P
Industrial MICRO SD Memory Card
S-12097 ETC-S-12097 Datasheet
859Kb / 18P
Micro-SD 3.0 Memory Card
logo
Taiwan Memory Technolog...
I5141-TG TMT-I5141-TG Datasheet
789Kb / 20P
SD/MMC Memory Card Controller
logo
Omron Electronics LLC
HMC-SD291 OMRON-HMC-SD291 Datasheet
306Kb / 3P
High-reliability SD MEMORY CARD for FA Environment
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com